Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9669 Datasheet HTML 2Page - STMicroelectronics L9669 Datasheet HTML 3Page - STMicroelectronics L9669 Datasheet HTML 4Page - STMicroelectronics L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics L9669 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L9669
6/13
7
Inputs NSTB, EN
7.1
VXh
High level input voltage
VCC-
0.9
VCC
V
7.2
VXl
Low level input voltage
0
0.9
V
7.3
IXh
High level input current
VX = 4 V
10
150
µA
7.4
IXl
Low level input current
VX = 1 V
2
40
µA
8
Input WAKE
8.1
VWAKEh
WAKE high level input voltage
3
VS
V
8.2
VWAKEl
WAKE low level input voltage
0
0.9
V
9
Thermal shutdown
9.1
Tjsd
Shutdown junction temperature
170
°C
10
CAN Error detection
10.1
tfail38d
Error 3, 8 detection time
Normal/RXonly mode.
1.6
3.6
ms
10.2
tfail46710d Error 4, 6, 7, 10 detection time
Normal/RXonly mode.
0.4
1.6
ms
10.3
tfail38r
Error 3, 8 recovery time
Normal/RXonly mode.
0.4
1.6
ms
10.4
tfail47r
Error 4, 7 recovery time
Normal/RXonly mode.
10
50
µs
10.5
tfail6r
Error 6 recovery time
Normal/RXonly mode.
0.2
0.75
ms
10.6
tfail10r
Error 10 recovery time
Normal/RXonly mode.
0.7
4
µs
10.7
tfail38ds
Error 3, 8 detection time
Sleep/standby mode.
1.6
3.6
ms
10.8
tfail4rs
Error 4 recovery time
Sleep/standby mode.
0.4
1.6
ms
10.9
tfail348rs
Error 3, 4, 8 recovery time
Sleep/standby mode.
0.4
1.6
ms
10.10
Nedge-d
Edge count difference between
CANH and CANL for detection
Normal/RXonly mode.
Error 1, 2, 5 or 9.
3
Edges
10.11
Nedge-r
Edge count difference between
CANH and CANL for recovery
Normal/RXonly mode.
Error 1, 2, 5 or 9.
3
Edges
10.12
tDmax
Diagnostic timeout
15
80
µs
10.13
tHmin
minimum hold time
go to sleep
80
µs
Table 4. Electrical Characteristcs (continued)
VCC = 4.75V to 5.25V, VS = 6V to 28V, Tj =-40°C to 150°C unless otherwise specified.
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com