Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 5 Page - STMicroelectronics

  L9669 Datasheet HTML 1Page - STMicroelectronics L9669 Datasheet HTML 2Page - STMicroelectronics L9669 Datasheet HTML 3Page - STMicroelectronics L9669 Datasheet HTML 4Page - STMicroelectronics L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
L9669
3
Termination RTH, RTL
3.1
RRTH
Internal RTHto GND
switch-on resistance
Normal mode.
No errors.
VRTH = 1V
45
3.2
IRTH
Internal RTHto GND
pull down current
Normal mode.
Error 3.
VRTH = 1V
75
µA
3.3
RRTL
Internal RTLto VCC
switch-on resistance
Normal mode.
No errors.
VRTL = VCC - 1V
45
3.4
IRTL
Internal RTLto VCC
pull up current
Normal mode.
Error 4, 6 or 7.
VRTL = VCC - 1.5V
-75
µA
3.5
RRTL-VS
Internal RTLto VS
termination resistance
Sleep/standby mode.
VRTL = 1V, 5V
813
26
k
3.6
VRTH
RTH output voltage
Sleep/standby mode
IRTH = 1mA
1V
3.7
RRTH,
RTL
External termination resistance
0.5
16
k
4
Input TXD
4.1
VTXDh
TXD high level input voltage
VCC-
0.9
VCC
V
4.2
VTXDl
TXD low level input voltage
0
0.9
V
4.3
ITXDh
TXD high level input current
VTXD = 4 V
-200
-25
µA
4.4
ITXDl
TXD low level input current
VTXD = 1 V
-800
-100
µA
5
Outputs RXD, NERR
5.1
VXh
High level output voltage
VCC-
0.9
VCC
V
5.2
VXl
Low level output voltage
0
0.9
V
6
Output INH
6.1
VdropI
High level voltage drop
(VdropI = VS - VINH)
IINH = -0.18mA
Not sleep mode.
1V
6.2
IIl
Leakage current
VINH = 0V
Sleep mode.
-5
5
µA
Table 4. Electrical Characteristcs (continued)
VCC = 4.75V to 5.25V, VS = 6V to 28V, Tj =-40°C to 150°C unless otherwise specified.
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com