Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 5Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 6Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 7Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 8Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 9Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 10Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 11Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 12Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DS14285/DS14287
9 of 26
24-12 bit cannot be changed without reinitializing the hour locations. When the 12-hour format is
selected, the high order bit of the hours byte represents PM when it is a logic one. The time, calendar,
and alarm bytes are always accessible because they are double buffered. Once per second the 10 bytes are
advanced by 1 second and checked for an alarm condition. If a read of the time and calendar data occurs
during an update, a problem exists where seconds, minutes, hours, etc. may not correlate. The probability
of reading incorrect time and calendar data is low. Several methods of avoiding any possible incorrect
time and calendar reads are covered later in this text.
The three alarm bytes can be used in two ways. First, when the alarm time is written in the appropriate
hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified time each day
if the alarm enable bit is high. The second use condition is to insert a “don’t care” state in one or more of
the 3 alarm bytes. The “don’t care” code is any hexadecimal value from C0 to FF. The 2 most significant
bits of each byte set the “don’t care” condition when at logic 1. An alarm will be generated each hour
when the “don’t care” bits are set in the hours byte. Similarly, an alarm is generated every minute with
“don’t care” codes in the hours and minute alarm bytes. The “don’t care” codes in all three alarm bytes
create an interrupt every second.
Table 1. Time, Calendar, and Alarm Data Modes
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA MODE
BCD DATA MODE
0
Seconds
0-59
00-3B
00-59
1
Seconds Alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes Alarm
0-59
00-3B
00-59
Hours-12-hr Mode
1-12
01-0C AM, 81-8C PM
01-12AM, 81-92PM
4
Hours-24-hr Mode
0-23
00-17
00-23
Hours Alarm-12-hr
1-12
01-0C AM, 81-8C PM
01-12AM, 81-92PM
5
Hours Alarm-24-hr
0-23
00-17
00-23
6
Day of the Week
Sunday = 1
1-7
01-07
01-07
7
Date of the Month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com