Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 14Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 15Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 16Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 17Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 18Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 19Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 20Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DS14285/DS14287
17 of 26
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………..-0.5V to +7.0V
Storage Temperature Range………………………………………………………………...-40°C to +85°C
Soldering Temperature: DIP…………………………………………..260°C for 10 seconds (See Note 12)
Soldering Temperature: Surface Mount:…………………………….See IPC/JEDEC Standard J-STD-020
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect
reliability.
OPERATING RANGE
RANGE
TEMPERATURE
VCC
Commercial
0°C to +70°C
5V ±10%
Industrial
-40°C to +85°C
5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
(Over the operating range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Power-Supply Voltage
VCC
4.5
5.0
5.5
V
1
Battery Voltage
VBAT
2.5
3.6
V
1
Input Logic 1
VIH
2.2
VCC +
0.3
V
1
Input Logic 0
VIL
-0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(Over the operating range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Power Supply Current
ICC1
7
15
mA
2
Oscillator Current
IOSC
300
500
nA
Input Leakage
IIL
-1.0
+1.0
µA
3
I/O Leakage
ILO
-1.0
+1.0
µA
5
MOT Input Current
IMOT
-1.0
+500
µA
3
CEI
Input Current
I CEI
-1.0
+200
µA
4
CEI
to CEO Impedance
ZCE
60
Ω
11
Output at 2.4V
IOH
-1.0
mA
1, 6
Output at 0.4V
IOL
4.0
mA
1
Write-Protect Voltage
VTP
4.0
4.25
4.5
V
VCCO1
VCC -
0.3V
7
VCCO Voltage
VCCO2
VBAT -
0.3V
V
8
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com