Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 18Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 19Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 20Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 21Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 22Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 23Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 24Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 25Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 26Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DS14285/DS14287
23 of 26
NOTES:
1) All voltages are referenced to ground.
2) All outputs are open.
3) The MOT pin has an internal pulldown of 20k
Ω.
4) The CEI pin has an internal pullup of 50k
Ω.
5) Applies to the AD0–AD7 pins, the IRQ pin, and the SQW pin when each is in the high impedance
state.
6) The IRQ pin is open drain. The interrupt and the internal clock continue to run regardless of the level
of VCC. However, it is important to insure that the pullup resistor used with the interrupt pin is never
pulled up to a value which is greater than VCC + 0.3V. As VCC falls below approximately 3.0 volts, a
power switching circuit turns the lithium energy source on to maintain the clock and timer data
functionality.
7) ICCO = 100mA, VCC > VBAT.
8) ICCO = 100µA, VCC < VBAT.
9) Measured with a load as shown in Figure 5.
10) Expected data retention is based on using an external SRAM with a data retention current of less than
1
µA at +25°C.
11) ZCE is an average input-to-output impedance as the input is swept from ground to VCCI and less than
4mA is forced through ZCE.
12) Real-Time Clock Modules such as the DS14287 can be successfully processed through conventional
wave-soldering techniques as long as temperature exposure to the lithium energy source contained
within does not exceed +85
°C. Post-solder cleaning with water washing techniques is acceptable,
provided that ultrasonic vibration is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com