Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 7Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 8Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 9Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 10Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 11Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 12Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 14Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DS14285/DS14287
11 of 26
REGISTER B
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SET
PIE
AIE
UIE
SQWE
DM
24/12
DSE
SET - When the SET bit is a 0, the update transfer functions normally by advancing the counts once per
second. When the SET bit is written to a 1, any update transfer is inhibited and the program can initialize
the time and calendar bytes without an update occurring in the midst of initializing. Read cycles can be
executed in a similar manner. SET is a read/write bit that is not modified by RESET or internal functions
of the DS14285/DS14287.
PIE - The periodic interrupt enable PIE bit is a read/write bit which allows the Periodic Interrupt Flag
(PF) bit in Register C to drive the IRQ pin low. When the PIE bit is set to 1, periodic interrupts are
generated by driving the IRQ pin low at a rate specified by the RS3-RS0 bits of Register A. A 0 in the
PIE bit blocks the IRQ output from being driven by a periodic interrupt, but the Periodic Flag (PF) bit is
still set at the periodic rate. PIE is not modified by any internal DS14285/DS14287 functions, but is
cleared to 0 on RESET .
AIE - The Alarm Interrupt Enable (AIE) bit is a read/write bit which, when set to a 1, permits the Alarm
Flag (AF) bit in register C to assert IRQ . An alarm interrupt occurs for each second that the 3 time bytes
equal the 3 alarm bytes including a “don’t care” alarm code of binary 11XXXXXX. When the AIE bit is
set to 0, the AF bit does not initiate the IRQ signal. The RESET pin clears AIE to 0. The internal
functions of the DS14285/DS14287 do not affect the AIE bit.
UIE - The Update Ended Interrupt Enable (UIE) bit is a read/write that enables the Update End Flag (UF)
bit in Register C to assert IRQ . The RESET pin going low or the SET bit going high clears to UIE bit.
SQWE - When the Square Wave Enable (SQWE) bit is set to a 1, a square wave signal at the frequency
set by the rate-selection bits RS3 through RS0 is driven out on a SQW pin. When the SQWE bit is set to
0, the SQW pin is held low; the state of SQWE is cleared by the RESET pin. SQWE is a read/write bit.
DM - The Data Mode (DM) bit indicates whether time and calendar information is in binary or BCD
format. The DM bit is set by the program to the appropriate format and can be read as required. This bit is
not modified by internal functions or RESET . A one in DM signifies binary data while a 0 in DM
specifies Binary Coded Decimal (BCD) data.
24/12 - The 24/12 control bit establishes the format of the hours byte. A 1 indicates the 24-hour mode and
a 0 indicates the 12-hour mode. This bit is read/write and is not affected by internal functions of RESET .
DSE - The Daylight Savings Enable (DSE) bit is a read/write bit which enables two special updates when
DSE is set to 1. On the first Sunday in April the time increments from 1:59:59 AM to 3:00:00 AM. On
the last Sunday in October when the time first reaches 1:59:59 AM it changes to 1:00:00 AM. These
special updates do not occur when the DSE bit is a 0. This bit is not affected by internal functions or
RESET
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com