Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 18Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 19Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 20Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 21Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 22Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 23Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 24Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 25Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 26Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
DS14285/DS14287
26 of 26
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Ma x i m In tegra t ed P roduc ts , 1 2 0 S a n Ga brie l D r iv e , Sun n y vale , CA 94 086 40 8 -7 3 7 -76 00
© 2005 Maxim Integrated Products
• Printed USA
The Maxim logo is a registered trademark of Maxim Integrated Products, Inc. The Dallas logo is a registered trademark of Dallas Semiconductor Corporation.
PACKAGE INFORMATION (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information, go to www.maxim-ic.com/DallasPackInfo.)
DS14287 REAL-TIME CLOCK PLUS RAM
PKG
24-PIN
DIM
MIN
MAX
A IN.
MM
1.320
33.53
1.335
33.91
B IN.
MM
0.720
18.29
0.740
18.80
C IN.
MM
0.345
8.76
0.370
9.40
D IN.
MM
0.100
2.54
0.130
3.30
E IN.
MM
0.015
0.38
0.030
0.76
F IN.
MM
0.110
2.79
0.140
3.56
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.021
0.53
NOTE: PINS 2, 3, 16, AND 20 ARE MISSING BY DESIGN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com