Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 6Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 7Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 8Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 9Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 10Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 11Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 12Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DS14285/DS14287
10 of 26
CONTROL REGISTERS
The DS14285/DS14287 has four control registers that are accessible at all times, even during the update
cycle.
REGISTER A
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
UIP - The Update In Progress (UIP) bit is a status flag that can be monitored. When the UIP bit is a 1, the
update transfer will soon occur. When UIP is a 0, the update transfer will not occur for at least 244
µs.
The time, calendar, and alarm information in RAM is fully available for access when the UIP bit is 0. The
UIP bit is read-only and is not affected by RESET . Writing the SET bit in Register B to a 1 inhibits any
update transfer and clears the UIP status bit.
DV0, DV1, DV2 - These 3 bits are used to turn the oscillator on or off and to reset the countdown chain.
A pattern of 010 is the only combination of bits that will turn the oscillator on and allow the RTC to keep
time. A pattern of 11X will enable the oscillator but holds the countdown chain in reset. The next update
will occur at 500 ms after a pattern of 010 is written to DV0, DV1, and DV2.
RS3, RS2, RS1, RS0 - These four rate-selection bits select one of the 13 taps on the 15-stage divider or
disable the divider output. The tap selected can be used to generate an output square wave (SQW pin)
and/or a periodic interrupt. The user can do one of the following:
1. Enable the interrupt with the PIE bit;
2. Enable the SQW output pin with the SQWE bit;
3. Enable both at the same time and the same rate; or
4. Enable neither.
Table 2 lists the periodic interrupt rates and the square wave frequencies that can be chosen with the RS
bits. These 4 read/write bits are not affected by RESET .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com