Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 8Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 9Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 10Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 11Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 12Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 14Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 15Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
DS14285/DS14287
12 of 26
REGISTER C
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IRQF
PF
AF
UF
0
0
0
0
IRQF - The Interrupt Request Flag (IRQF) bit is set to a 1 when one or more of the following are true:
PF = PIE = 1
AF = AIE = 1
UF = UIE = 1
That is, IRQF = PF
• PIE + AF • AIE + UF • UIE.
Any time the IRQF bit is a 1, the IRQ pin is driven low. All flag bits are cleared after Register C is read
by the program or when the RESET pin is low.
PF - The Periodic Interrupt Flag (PF) is a read-only bit which is set to a 1 when an edge is detected on the
selected tap of the divider chain. The RS3 through RS0 bits establish the periodic rate. PF is set to a 1
independent of the state of the PIE bit. When both PF and PIE are 1s, the IRQ signal is active and will set
the IRQF bit. The PF bit is cleared by a RESET or a software read of Register C.
AF - A 1 in the Alarm Interrupt Flag (AF) bit indicates that the current time has matched the alarm time.
If the AIE bit is also a 1, the IRQ pin will go low and a one will appear in the IRQF bit. A RESET or a
read of Register C will clear AF.
UF - The Update Ended Interrupt Flag (UF) bit is set after each update cycle. When the UIE bit is set to
1, the 1 in UF causes the IRQF bit to be a 1 which will assert the IRQ pin. UF is cleared by reading
Register C or a RESET .
BIT 0 THROUGH BIT 3 - These are unused bits of the status Register C. These bits always read 0 and
cannot be written.
REGISTER D
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VRT
0
0
0
0
0
0
0
VRT - The Valid RAM and Time (VRT) bit indicates the condition of the internal battery (the battery
connected to the VBAT pin in the case of the DS14285S, DS14285, and the DS14285Q). This bit is not
writable and should always be a 1 when read. If a 0 is ever present, an exhausted internal lithium energy
source is indicated and both the contents of the RTC data and RAM data are questionable. This bit is
unaffected by RESET .
BIT 6 THROUGH BIT 0 - The remaining bits of Register D are not usable. They cannot be written and,
when read, they will always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com