Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 10Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 11Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 12Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 14Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 15Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 16Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 17Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DS14285/DS14287
14 of 26
flag bits as they are cleared each time Register C is read. Double latching is included with Register C so
that bits which are set remain stable throughout the read cycle. All bits which are set (high) are cleared
when read and new interrupts which are pending during the read cycle are held until after the cycle is
completed. One, 2, or 3 bits can be set when reading Register C. Each utilized flag bit should be
examined when read to ensure that no interrupts are lost.
The second flag bit usage method is with fully enabled interrupts. When an interrupt flag bit is set and the
corresponding interrupt enable bit is also set, the IRQ pin is asserted low. IRQ is asserted as long as at
least one of the three interrupt sources has its flag and enable bits both set. The IRQF bit in Register C is
a one whenever the IRQ pin is being driven low. Determination that the RTC initiated an interrupt is
accomplished by reading Register C. A logic one in bit 7 (IRQF bit) indicates that one or more interrupts
have been initiated by the DS14285/DS14287. The act of reading Register C clears all active flag bits and
the IRQF bit.
PERIODIC INTERRUPT SELECTION
The periodic interrupt will cause the IRQ pin to go to an active state from once every 500 ms to once
every 122
µs. This function is separate from the alarm interrupt which can be output from once per
second to once per day. The periodic interrupt rate is selected using the same Register A bits which select
the square wave frequency (see Table 2). Changing the Register A bits affects both the square wave
frequency and the periodic interrupt output. However, each function has a separate enable bit in Register
B. The SQWE bit controls the square wave output. Similarly, the periodic interrupt is enabled by the PIE
bit in Register B. The periodic interrupt can be used with software counters to measure inputs, create
output intervals, or await the next needed software function.
OSCILLATOR CONTROL BITS
When the DS14287 is shipped from the factory, the internal oscillator is turned off. This feature prevents
the lithium energy cell from being used until it is installed in a system. A pattern of 010 in bits 4 through
6 of Register A will turn the oscillator on and enable the countdown chain. A pattern of 11X will turn the
oscillator on, but holds the countdown chain of the oscillator in reset. All other combinations of bits 4
through 6 keep the oscillator off.
SQUARE-WAVE OUTPUT SELECTION
Thirteen of the 15 divider taps are made available to a 1-of-15 selector, as shown in the block diagram of
Figure 1. The first purpose of selecting a divider tap is to generate a square wave output signal on the
SQW pin. The RS0-RS3 bits in Register A establish the square wave output frequency. These frequencies
are listed in Table 2. The SQW frequency selection shares its 1-of-15 selector with the periodic interrupt
generator. Once the frequency is selected, the output of the SQW pin can be turned on and off under
program control with the square wave enable bit (SQWE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com