Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 11Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 12Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 14Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 15Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 16Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 17Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 18Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DS14285/DS14287
15 of 26
Table 2. Periodic Interrupt Rate and Square-Wave Output Frequency
SELECT BITS REGISTER A
RS3
RS2
RS1
RS0
tPI PERIODIC
INTERRUPT RATE
SQW OUTPUT
FREQUENCY
0
0
0
0
None
None
0
0
0
1
3.90625ms
256Hz
0
0
1
0
7.8125ms
128Hz
0
0
1
1
122.070
µs
8.192kHz
0
1
0
0
244.141
µs
4.096kHz
0
1
0
1
488.281
µs
2.048kHz
0
1
1
0
976.5625
µs
1.024kHz
0
1
1
1
1.953125ms
512Hz
1
0
0
0
3.90625ms
256Hz
1
0
0
1
7.8125ms
128Hz
1
0
1
0
15.625ms
64Hz
1
0
1
1
31.25ms
32Hz
1
1
0
0
62.5ms
16Hz
1
1
0
1
125ms
8Hz
1
1
1
0
250ms
4Hz
1
1
1
1
500ms
2Hz
UPDATE CYCLE
The DS14285/DS14287 executes an update cycle once per second regardless of the SET bit in Register B.
When the SET bit in Register B is set to one, the user copy of the double buffered time, calendar, and
alarm bytes is frozen and will not update as the time increments. However, the time countdown chain
continues to update the internal copy of the buffer. This feature allows time to maintain accuracy
independent of reading or writing the time, calendar, and alarm buffers and also guarantees that time and
calendar information is consistent. The update cycle also compares each alarm byte with the
corresponding time byte and issues an alarm if a match or if a “don’t care” code is present in all three
positions.
There are three methods that can handle access of the real-time clock that avoid any possibility of
accessing inconsistent time and calendar data. The first method uses the update-ended interrupt. If
enabled, an interrupt occurs after every up date cycle that indicates that over 999 ms are available to read
valid time and date information. If this interrupt is used, the IRQF bit in Register C should be cleared
before leaving the interrupt routine.
A second method uses the update-in-progress bit (UIP) in Register A to determine if the update cycle is in
progress. The UIP bit will pulse once per second. After the UIP bit goes high, the update transfer occurs
244
µs later. If a low is read on the UIP bit, the user has at least 244 µs before the time/calendar data will
be changed. Therefore, the user should avoid interrupt service routines that would cause the time needed
to read valid time/calendar data to exceed 244
µs.
The third method uses a periodic interrupt to determine if an update cycle is in progress. The UIP bit in
Register A is set high between the setting of the PF bit in Register C (see Figure 4). Periodic interrupts
that occur at a rate of greater than tBUC allow valid time and date information to be reached at each
occurrence of the periodic interrupt. The reads should be complete within 1 (tPI/
2 + tBUC) to ensure that
data is not read during the update cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com