Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14285S/TR Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS14285S/TR
Description  Real-Time Clock with NV RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S/TR Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS14285S/TR Datasheet HTML 9Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 10Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 11Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 12Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 13Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 14Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 15Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 16Page - Dallas Semiconductor DS14285S/TR Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DS14285/DS14287
13 of 26
NONVOLATILE RAM
The 114 general-purpose nonvolatile RAM bytes are not dedicated to any special function within the
DS14285/DS14287. They can be used by the processor program as nonvolatile memory and are fully
available during the update cycle.
The DS14285/DS14287 can also provide additional nonvolatile RAM. This is accomplished through the
use of its internal lithium cell in the case of the DS14287 (or the energy source connected to the VBAT pin
in the case of the DS14285) and battery-backup controller to make a standard CMOS SRAM nonvolatile
during power-fail conditions. During power-fail, the DS14285/DS14287 automatically write-protects the
external SRAM and provides a VCC output sourced from the internal lithium cell. The interface between
the DS14285/DS14287 and an external SRAM is illustrated in Figure 3.
Figure 3. External SRAM Interface to the DS14285/DS14287 RTC
INTERRUPTS
The RTC plus RAM includes three separate, fully automatic sources of interrupt for a processor. The
alarm interrupt can be programmed to occur at rates from once per second to once per day. The periodic
interrupt can be selected for rates from 500 ms to 122
µs. The update-ended interrupt can be used to
indicate to the program that an update cycle is complete. Each of these independent interrupt conditions is
described in greater detail in other sections of this text.
The processor program can select which interrupts, if any, are going to be used. Three bits in Register B
enable the interrupts. Writing a logic 1 to an interrupt-enable bit permits that interrupt to be initiated when
the event occurs. A 0 in an interrupt-enable bit prohibits the IRQ pin from being asserted from that
interrupt condition. If an interrupt flag is already set when an interrupt is enabled, IRQ is immediately set
at an active level, although the interrupt initiating the event may have occurred much earlier. As a result,
there are cases where the program should clear such earlier initiated interrupts before first enabling new
interrupts. When an interrupt event occurs, the relating flag bit is set to logic 1 in Register C. These flag
bits are set independent of the state of the corresponding enable bit in Register B. The flag bit can be used
in a polling mode without enabling the corresponding enable bits. The interrupt flag bit is a status bit
which software can interrogate as necessary. When a flag is set, an indication is given to software that an
interrupt event has occurred since the flag bit was last read; however, care should be taken when using the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com