Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 4 Page - Analog Devices

  MAX98310 Datasheet HTML 1Page - Analog Devices MAX98310 Datasheet HTML 2Page - Analog Devices MAX98310 Datasheet HTML 3Page - Analog Devices MAX98310 Datasheet HTML 4Page - Analog Devices MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products  4
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
ELECTRICALCHARACTERISTICS(continued)
(VDD = 3.7V, VGND = 0V, SHDN = VDD, GAIN = VDD (0dB), CBIAS = 0.1µF, CIN = 0.47µF, no load: RIN = RF = 10kI (MAX98309),
TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
Note2: All specifications are 100% tested at TA = +25°C; temperature limits are guaranteed by design.
Note3: Inputs AC-coupled to GND.
Note4: Mode transitions controlled by SHDN.
Note5: Thermally limited by package.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz, BW = 22Hz to
22kHz
RL = 8I + 68FH,
POUT = 375mW
0.008
%
RL = 4I + 33FH,
POUT = 750mW
0.06
0.02
fIN = 6kHz, BW = 22Hz to
22kHz
RL = 8I + 68FH,
POUT = 375mW
0.01
Signal-to-Noise Ratio
SNR
A-weighted, VDD = 5V, POUT = 1.4W,
RL = 8I + 33FH
110
dB
Output Noise Voltage
VN
A-weighted (Note 3)
9
F
V
Overcurrent Protection
Threshold
2
A
Thermal-Protection Threshold
+160
N
C
Thermal-Protection Hysteresis
15
N
C
Maximum Capacitive Load
Drive
CL
Bridge-tied load capacitance
500
pF
LOGICINPUT(SHDN,TON)(MAX98309)
Input Logic-High
VIH
1.8V logic compliant
1.4
V
Input Logic-Low
VIL
1.8V logic compliant
0.4
V
Input Leakage Current High
IIH
TA = +25NC
1
F
A
Input Leakage Current Low
IIL
TA = +25NC
1
F
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com