Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX98310 Datasheet HTML 3Page - Analog Devices MAX98310 Datasheet HTML 4Page - Analog Devices MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices MAX98310 Datasheet HTML 10Page - Analog Devices MAX98310 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products  7
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
Typical Operating Characteristics (continued)
(VDD = 3.7V, VGND = 0V, SHDN = VDD, GAIN = GND (RF = RIN = 10kI), CBIAS = 0.1µF, CIN = 1µF, no load, unless otherwise noted.)
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
1500
1000
500
200
400
600
RL = 4I
800
1000
1200
1400
0
0
2000
VDD = 5V
fIN = 1kHz
POUT = POUTL + POUTR
RL = 8I
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
1200
900
300
600
100
200
300
400
600
500
RL = 4I
RL = 8I
700
800
0
0
1500
VDD = 3.7V
fIN = 1kHz
POUT = POUTL + POUTR
GAIN vs. FREQUENCY
(MAX98310)
FREQUENCY (Hz)
10k
1k
100
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
-2
-3
-4
-5
10
100k
1000k
AV = 9dB
AV = 6dB
AV = 3dB
AV = 0dB
PSRR vs. FREQUENCY
(MAX98309)
FREQUENCY (Hz)
10k
1k
100
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-140
10
100k
RL = 8I
VRIPPLE = 200mV
VDD = 5V
VDD = 3.7V
CMRR vs. FREQUENCY
(MAX98309)
FREQUENCY (Hz)
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
10
100k
RL = 8I
THD + N = 1%
VDD = 3.7V
VDD = 5V
PSRR vs. FREQUENCY
(MAX98310)
FREQUENCY (Hz)
10k
1k
100
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
10
100k
RL = 8I
VRIPPLE = 200mV
VDD = 3.7V
VDD = 5V
CMRR vs. FREQUENCY
(MAX98310)
FREQUENCY (Hz)
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
10
100k
RL = 8I
THD + N = 1%
VDD = 3.7V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com