Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 1 Page - Analog Devices

  MAX98310 Datasheet HTML 1Page - Analog Devices MAX98310 Datasheet HTML 2Page - Analog Devices MAX98310 Datasheet HTML 3Page - Analog Devices MAX98310 Datasheet HTML 4Page - Analog Devices MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
����������������������������������������������������������������� Maxim Integrated Products  1
General Description
The MAX98309/MAX98310 mono 1.4W class AB audio
amplifiers offer low quiescent current while maintaining
excellent SNR and low 0.008% THD+N. These ICs fea-
ture excellent 90dB PSRR and state of the art click-and-
pop suppression.
The ICs are offered with an internally fixed 0dB, 3dB,
6dB, and 9dB gain (MAX98310) or an externally set gain
(MAX98309) through external resistors.
The MAX98309 feature a 10ms or 100ms pin-selectable
turn-on time, while the MAX98310 has a preset 5ms turn-
on time.
The MAX98309/MAX98310 are available in a (1.0mm x
1.0mm) 9-bump, 0.3mm pitch WLP, and are specified over
the extended -40NC to +85NC temperature range.
Applications
Cell Phones/Smartphones
Digital Cameras
GPS
Portable Media Players
e-Readers
Tablets
Benefits and Features
S
EnhancesSystemPerformance
DifferentialInputImprovesNoiseImmunity
Industry-LeadingClick-and-PopSuppression
High90dBPSRR(fIN=217Hz)
S
SmallerSolutionSize
1mmx1mmWLPFootprint
S
ExtendsBatteryLife
LowQuiescentCurrent
S
DeliversRobustSystemDesign
ThermalOverloadProtection
Short-CircuitProtection
S
1.2mASupplyCurrent(VDD=3.7V)
S
750mWinto8I(VDD=3.7V)
S
2.5Vto5.5VSupplyOperation
S
Pin-Selectable,Internally-FixedGain(MAX98310)
S
1.8VLogic-CompatibleSHDNInput
Simplified Block Diagram
19-5912; Rev 0; 6/11
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maxim-ic.com/MAX98309.related.
E V A L U A T I O N K I T A V A I L A B L E
BIAS
IN-
IN+
OUT+
OUT-
CIN
RIN
RIN
RF
RF
RF
SHDN
GND
CIN
VDD
GND
MAX98310
BIAS
VDD
2.5V TO 5.5V
2.5V TO 5.5V
GAIN
BIAS
0.1µF
1µF
RF
BIAS
IN-
IN+
OUT+
OUT-
CIN
RIN
RIN
SHDN
CIN
VDD
GND
MAX98309
BIAS
TON
BIAS
0.1µF
1µF
Forpricing,delivery,andorderinginformation,pleasecontactMaximDirectat1-888-629-4642,
orvisitMaxim’swebsiteatwww.maxim-ic.com.


Similar Part No. - MAX98310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98310 MAXIM-MAX98310 Datasheet
1Mb / 8P
2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX98310EWL MAXIM-MAX98310EWL Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation
Rev 0; 7/11
More results

Similar Description - MAX98310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX98309 MAXIM-MAX98309 Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation
Rev 0; 7/11
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
AiT Semiconductor Inc.
A2203A AITSEMI-A2203A Datasheet
2Mb / 16P
CLASS AB 1W DIFFERENTIAL AUDIO POWER AMPLIFIERS
REV1.0
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com