Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices MAX98310 Datasheet HTML 10Page - Analog Devices MAX98310 Datasheet HTML 11Page - Analog Devices MAX98310 Datasheet HTML 12Page - Analog Devices MAX98310 Datasheet HTML 13Page - Analog Devices MAX98310 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
���������������������������������������������������������������� Maxim Integrated Products  10
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
Detailed Description
The MAX98309/MAX98310 mono 1.4W Class AB audio
amplifiers offer low quiescent current while maintaining
excellent SNR and low 0.008% THD+N. Both ICs feature
excellent 90dB PSRR and state-of-the-art click-and-pop
suppression.
The ICs are offered with an internally fixed 0dB, 3dB,
6dB, and 9dB gain (MAX98310) or an externally set gain
(MAX98309) through external resistors.
The MAX98309 features a 10ms or 100ms pin-selectable
turn-on time, while the MAX98310 has a preset 5ms turn-
on time.
Bias
The ICs operate from a single 2.5V to 5.5V power supply
and feature an internally generated common-mode bias
voltage of VDD/2 reference to ground. BIAS provides both
click-and-pop suppression and sets the DC bias level
for the audio outputs. Choose the value of the bypass
capacitor as described in the BIAS Capacitor section. Do
not connect external loads to BIAS as this can affect the
overall performance.
Turn-On Time
The MAX98309 external gain amplifier features a select-
able turn-on time for optimized click-and-pop perfor-
mance. Connect TON to GND for a 10ms turn-on time.
Connect TON to VDD for a 100ms turn-on time. The
MAX98310 has a preset 5ms turn-on time.
Shutdown Mode
The ICs feature a 1.8FA low-power shutdown mode
that reduces quiescent current consumption. When the
active-low shutdown mode is entered, the ICs’ internal
bias circuitry is disabled, the amplifier outputs go high
impedance, and BIAS is driven to GND.
Click-and-Pop Suppression
The ICs feature Maxim’s industry-leading click-and-
pop suppression circuitry. During startup, the amplifier
common-mode bias voltage ramps to the DC bias point.
When entering shutdown, the amplifier outputs are high
impedance between both outputs. This scheme mini-
mizes the energy present in the audio band.
Applications Information
BTL Amplifier
The ICs are designed to drive a load differentially, a
configuration referred to as bridge-tied load, or BTL. The
BTL configuration (Figure 1) offers advantages over the
single-ended configuration, where one side of the load
is connected to ground. Driving the load differentially
doubles the output voltage compared to a single-ended
amplifier under similar conditions.
Substituting 2 x VOUT(P-P) for VOUT(P-P) into the following
equations yields four times the output power due to
doubling of the output voltage:
OUT (P P)
RMS
RMS
OUT
L
V
V
2 2
V
2
P
R
−
=
=
Because the differential outputs are biased at midsupply,
there is no net DC voltage across the load. This elimi-
nates the need for DC-blocking capacitors required for
single-ended amplifiers. These capacitors can be large,
expensive, consume board space, and degrade low-
frequency performance.
Power Dissipation and Heatsinking
Under normal operating conditions, the ICs dissipate a
significant amount of power. The maximum power dissi-
pation is given in the Absolute Maximum Ratings or can
be calculated by the following equation:
J(MAX)
A
D(MAX)
JA
T
T
P
−
=
θ
where TJ(MAX) is +150NC, TA is the ambient temperature,
and BJA is the reciprocal of the derating factor in C/W as
specified in the Absolute Maximum Ratings.
Figure 1. BTL Configuration
+1
VOUT(P-P)
VOUT(P-P)
2 x VOUT(P-P)
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com