Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 2 Page - Analog Devices

  MAX98310 Datasheet HTML 1Page - Analog Devices MAX98310 Datasheet HTML 2Page - Analog Devices MAX98310 Datasheet HTML 3Page - Analog Devices MAX98310 Datasheet HTML 4Page - Analog Devices MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products  2
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
VDD to GND............................................................... -0.3V to 6V
SHDN to GND ........................................................... -0.3V to 6V
All Other Pins to GND ...............................-0.3V to (VDD + 0.3V)
Continuous Current
VDD, GND, OUT_....................................................... Q750mA
IN_, SHDN, BIAS, GAIN, TON......................................... Q20mA
OUT_ Short Circuit to GND or VDD Duration ............Continuous
OUT+ to OUT- Short Circuit Duration .......................Continuous
Continuous Power Dissipation (TA = +70NC)
WLP (derate 11.9mW/NC above +70NC)......................848mW
Junction Temperature .....................................................+150NC
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow).......................................+260NC
ABSOLUTEMAXIMUMRATINGS
Note1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
ELECTRICALCHARACTERISTICS
(VDD = 3.7V, VGND = 0V, SHDN = VDD, GAIN = VDD (0dB), CBIAS = 0.1µF, CIN = 0.47µF, no load: RIN = RF = 10kI (MAX98309),
TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
PACKAGETHERMALCHARACTERISTICS (Note1)
WLP
Junction-to-Ambient Thermal Resistance (BJA)......... 94°C/W
Junction-to-Case Thermal Resistance (BJC) ...............41°C/W
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
2.5
5.5
V
Undervoltage Lockout
UVLO
VDD falling
1.8
2.3
V
Quiescent Supply Current
IVDD
SHDN = VDD
VDD = 3.7V
1.2
mA
VDD = 5V
1.9
1.8
Shutdown Supply Current
IVDD_SD VSHDN = 0V, TA = +25NC
2
3
F
A
Turn-On Time
tON
MAX98309 shutdown to
full operation
TON = GND
10
22.8
ms
TON = VDD
100
MAX98310 shutdown to full operation
5.7
11.5
Gain
AV
MAX98310
GAIN = VDD
-0.25
0
+0.25
dB
GAIN = GND
2.75
3
3.25
GAIN = unconnected
5.75
6
6.25
GAIN = BIAS
8.75
9
9.25
Gain Selection Threshold
MAX98310
GAIN = VDD
0.80 x
VDD
V
GAIN = GND
0.05 x
VDD
GAIN = unconnected
0.16 x
VDD
0.24 x
VDD
GAIN = BIAS
0.35 x
VDD
0.69 x
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com