Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices MAX98310 Datasheet HTML 10Page - Analog Devices MAX98310 Datasheet HTML 11Page - Analog Devices MAX98310 Datasheet HTML 12Page - Analog Devices MAX98310 Datasheet HTML 13Page - Analog Devices MAX98310 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
���������������������������������������������������������������� Maxim Integrated Products  13
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
Package Information
For the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains
to the package regardless of RoHS status.
PACKAGETYPE
PACKAGECODE
OUTLINENO.
LANDPATTERNNO.
9 WLP (0.3mm pitch)
W91D1+1
21-0486
Refer to ApplicationNote1891
E
D
AAAA
PIN 1
INDICATOR
MARKING
A3
A2
A1
A
See
Note 7
0.05 S
S
D1
E1
b
e
SD
SE
B
A
SIDE VIEW
-DRAWING NOT TO SCALE-
1
2
3
A
21-0486
B
0.64
0.16
0.48
0.025
0.21
0.60
0.60
0.30
W91D1+1
0.95
0.98
0.95
0.98
B
C
TOP VIEW
BOTTOM VIEW
A
1
TITLE
DOCUMENT CONTROL NO.
REV.
1
1
APPROVAL
PACKAGE OUTLINE
9 BUMPS, WLP PKG. 0.3mm PITCH
COMMON DIMENSIONS
A
A2
A1
A3
b
E1
D1
e
SD
SE
0.05
0.03
0.03
BASIC
BASIC
0.00 BASIC
0.00 BASIC
BASIC
REF
BASIC
MIN
MAX
MAX
MIN
E
D
PKG. CODE
DEPOPULATED
BUMPS
NONE
NOTES:
1. Terminal pitch is defined by terminal center to center value.
2. Outer dimension is defined by center lines between scribe lines.
3. All dimensions in millimeter.
4. Marking shown is for package orientation reference only.
5. Tolerance is ± 0.02 unless specified otherwise.
6. All dimensions apply to PbFree (+) package codes only.
7. Front - side finish can be either Black or Clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com