Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 3 Page - Analog Devices

  MAX98310 Datasheet HTML 1Page - Analog Devices MAX98310 Datasheet HTML 2Page - Analog Devices MAX98310 Datasheet HTML 3Page - Analog Devices MAX98310 Datasheet HTML 4Page - Analog Devices MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products  3
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
ELECTRICALCHARACTERISTICS(continued)
(VDD = 3.7V, VGND = 0V, SHDN = VDD, GAIN = VDD (0dB), CBIAS = 0.1µF, CIN = 0.47µF, no load: RIN = RF = 10kI (MAX98309), TA
= TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Input Resistance
RINDIFF
MAX98309, SHDN = VDD
1000
kI
MAX98310
GAIN = 0dB
38.2
GAIN = 3dB
31.7
GAIN = 6dB
25.5
Input Bias Current
IINBIAS
MAX98309/MAX98310, SHDN = VDD
Q
1
F
A
Shutdown Input Bias Current
IINBIAS_
SHDN
SHDN = GND, IN_ = VDD or IN_ = GND
-5
+5
F
A
Output Offset Voltage
VOS
TA = +25NC (Note 3)
Q
0.2
Q
1
mV
Click-and-Pop Level
KCP
RL = 8I, 32 samples per
second, A-weighted,
TA = +25NC (Notes 3, 4)
Into shutdown
-66
dBV
Out of shutdown
-66
Common-Mode Bias Voltage
VBIAS
Voltage at BIAS
0.475
x VDD
0.5 x
VDD
0.525
x VDD
V
Input Common-Mode Voltage
Range
VCM
Inferred from CMRR test
0.5
VDD -
0.6
V
Common-Mode Rejection Ratio
CMRR
MAX98310/MAX98310
Guaranteed over
input common-
mode voltage
range
-50
-76
dB
fIN = 1kHz,
RL = 8I + 33FH
-62
Power-Supply Rejection Ratio
PSRR
DC 2.5V to 5.5V
73
93
dB
VRIPPLE = 200mVP-P
(Note 3)
fIN = 217Hz
90
fIN = 1kHz
90
fIN = 10kHz
72
Output Power
POUT
VDD = 3.7V, 1% THD+N
RL = 8I + 68FH
0.750
W
RL = 4I + 33FH
1.2
VDD = 3.7V, 10% THD+N
RL = 8I + 68FH
0.9
RL = 4I + 33FH
1.5
VDD = 5V, 1% THD+N
(Note 5)
RL = 8I + 68FH
1.4
RL = 4I + 33FH,
thermally limited
2.1
VDD = 5V, 10% THD+N
(Note 5)
RL = 8I + 68FH
1.7
RL = 4I + 33FH,
thermally limited
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com