Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices MAX98310 Datasheet HTML 10Page - Analog Devices MAX98310 Datasheet HTML 11Page - Analog Devices MAX98310 Datasheet HTML 12Page - Analog Devices MAX98310 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products  9
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
Pin Descriptions
Pin Configurations
PIN
NAME
FUNCTION
MAX98309
MAX98310
A1
A1
OUT+
Amplifier Positive Output
A2
A2
SHDN
Active-Low Shutdown Input. Connect to GND to place the IC into shutdown. Connect
to VDD for normal operation.
A3
A3
IN-
Inverting Audio Input
B1
B1
GND
Ground
B2
—
TON
Turn-On Time Selection. Connect TON to GND for a 10ms turn-on time. Connect TON
to VDD for a 100ms turn on time.
—
B2
GAIN
Gain Select Input. See Table 1 for gain settings.
B3
B3
VDD
Power Supply Input. Connect a 1FF capacitor from VDD to GND.
C1
C1
OUT-
Amplifier Negative Output
C2
C2
BIAS
Common-Mode DC Bias Bypass. Connect a 0.1FF (min) capacitor to GND.
C3
C3
IN+
Noninverting Audio Input
WLP
TOP VIEW
(BUMP SIDE DOWN)
MAX98309
1
+
2
3
B
C
A
OUT+
SHDN
IN-
GND
OUT-
BIAS
TON
VDD
IN+
WLP
TOP VIEW
(BUMP SIDE DOWN)
MAX98310
1
+
2
3
B
C
A
OUT+
SHDN
IN-
GND
OUT-
BIAS
GAIN
VDD
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com