Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 5 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 5 Page - Analog Devices

  MAX98310 Datasheet HTML 1Page - Analog Devices MAX98310 Datasheet HTML 2Page - Analog Devices MAX98310 Datasheet HTML 3Page - Analog Devices MAX98310 Datasheet HTML 4Page - Analog Devices MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products  5
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
Typical Operating Characteristics
(VDD = 3.7V, VGND = 0V, SHDN = VDD, GAIN = GND (RF = RIN = 10kI), CBIAS = 0.1µF, CIN = 1µF, no load, unless otherwise noted.)
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (kHz)
10k
1k
100
0.01
0.1
1
10
0.001
10
100k
VDD = 4.2V
RL = 4I
POUT = 300mW
POUT = 50mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VDD = 5V
RL = 8I
POUT = 200mW
POUT = 1.2W
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VDD = 3.7V
RL = 4I
POUT = 800mW
POUT = 50mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
10
100
0.001
10
100k
VDD = 3.7V
RL = 8I
POUT = 50mW
POUT = 500mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
1500
1250
1000
750
500
250
0.01
0.1
1
10
100
0.001
0
1750
VDD = 5V
RL = 8I
fIN = 6kHz
fIN = 300Hz
fIN = 1kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
1500
1000
500
0.01
0.1
1
10
100
0.001
0
2000
VDD = 4.2V
RL = 4I
fIN = 6kHz
fIN = 300Hz
fIN = 1kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
1200
800
400
0.01
0.1
1
10
100
0.001
0
1600
VDD = 3.7V
RL = 4I
fIN = 6kHz
fIN = 300Hz
fIN = 1kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
800
600
400
200
0.01
0.1
1
10
100
0.001
0
1000
VDD = 3.7V
RL = 8I
fIN = 6kHz
fIN = 300Hz
fIN = 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com