Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX98310
Description  Mono 1.4W Class AB Audio Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98310 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX98310 Datasheet HTML 4Page - Analog Devices MAX98310 Datasheet HTML 5Page - Analog Devices MAX98310 Datasheet HTML 6Page - Analog Devices MAX98310 Datasheet HTML 7Page - Analog Devices MAX98310 Datasheet HTML 8Page - Analog Devices MAX98310 Datasheet HTML 9Page - Analog Devices MAX98310 Datasheet HTML 10Page - Analog Devices MAX98310 Datasheet HTML 11Page - Analog Devices MAX98310 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products  8
MAX98309/MAX98310
Mono 1.4W Class AB Audio Amplifiers
Typical Operating Characteristics (continued)
(VDD = 3.7V, VGND = 0V, SHDN = VDD, GAIN = GND (RF = RIN = 10kI), CBIAS = 0.1µF, CIN = 1µF, no load, unless otherwise noted.)
TURN-ON TIME (MAX98309) 10ms
MAX98309 toc22
2ms/div
TURN-ON TIME (MAX98309) 100ms
MAX98309 toc23
20ms/div
TURN-ON TIME MAX98310
MAX98309 toc24
1ms/div
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2.5
5.5
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
1
2
3
4
5
6
7
8
9
0
2.5
5.5
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
0
-40
85
VDD = 5V
VDD = 3.7V
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1
2
3
4
5
6
7
8
9
10
0
-40
85
VDD = 3.7V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com