Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 28Page - Renesas Technology Corp AT45DB641E Datasheet HTML 29Page - Renesas Technology Corp AT45DB641E Datasheet HTML 30Page - Renesas Technology Corp AT45DB641E Datasheet HTML 31Page - Renesas Technology Corp AT45DB641E Datasheet HTML 32Page - Renesas Technology Corp AT45DB641E Datasheet HTML 33Page - Renesas Technology Corp AT45DB641E Datasheet HTML 34Page - Renesas Technology Corp AT45DB641E Datasheet HTML 35Page - Renesas Technology Corp AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 32
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
8.3.2
Program Sector Protection Register
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector
Protection Register command.
To program the Sector Protection Register, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and FCh must be
clocked into the device followed by 32 bytes of data corresponding to Sectors 0 through 31. After the last bit of the
opcode sequence and data have been clocked in, the CS pin must be deasserted to initiate the internally self-
timed program cycle. The programming of the Sector Protection Register takes place in a maximum time of tP.
During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is
powered-down before the completion of the erase cycle, then the contents of the Sector Protection Register
cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of
the sectors corresponding to the bytes not clocked in cannot be guaranteed.
Example: If only the first two bytes are clocked in instead of the complete 32 bytes, then the protection status of
the last 30 sectors cannot be guaranteed. Furthermore, if more than 32 bytes of data are clocked into the device,
the data wrap around to the beginning of the register. For instance, if 33 bytes of data are clocked in, then the 33rd
byte is stored at byte location 0 of the Sector Protection Register.
The data bytes clocked into the Sector Protection Register need to be valid values (0xh, 3xh, Cxh, and Fxh for
Sector 0a or Sector 0b, and 00h or FFh for other sectors) in order for the protection to function correctly. If a non-
valid value is clocked into a byte location of the Sector Protection Register, then the protection status of the sector
corresponding to that byte location cannot be guaranteed.
Example: If a value of 17h is clocked into byte location 2 of the Sector Protection Register, then the protection
status of Sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection is enabled or disabled. Being
able to reprogram the Sector Protection Register with the sector protection enabled allows the user to temporarily
disable the sector protection to an individual sector rather than disabling sector protection completely.
The Program Sector Protection Register command uses Buffer 1 for processing. Thus, the contents of Buffer 1
are altered from their previous state when this command is issued.
Figure 9. Program Sector Protection Register
Table 12. Program Sector Protection Register Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Program Sector Protection Register
3Dh
2Ah
7Fh
FCh
Data Byte
n
3Dh
2Ah
7Fh
FCh
Data Byte
n + 1
Data Byte
n + 31
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com