Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 19Page - Renesas Technology Corp AT45DB641E Datasheet HTML 20Page - Renesas Technology Corp AT45DB641E Datasheet HTML 21Page - Renesas Technology Corp AT45DB641E Datasheet HTML 22Page - Renesas Technology Corp AT45DB641E Datasheet HTML 23Page - Renesas Technology Corp AT45DB641E Datasheet HTML 24Page - Renesas Technology Corp AT45DB641E Datasheet HTML 25Page - Renesas Technology Corp AT45DB641E Datasheet HTML 26Page - Renesas Technology Corp AT45DB641E Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 23
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
7.10 Chip Erase
The Chip Erase command allows the entire main memory array to be erased can be erased at one time.
To execute the Chip Erase command, a 4-byte command sequence of C7h, 94h, 80h, and 9Ah must be clocked
into the device. Since the entire memory array is to be erased, no address bytes need to be clocked into the
device, and any data clocked in after the opcode are ignored. After the last bit of the opcode sequence has been
clocked in, the CS pin must be deasserted to start the erase process. The erase operation is internally self-timed
and takes place in a time of tCE. During this time, the RDY/BUSY bit in the Status Register indicates that the
device is busy.
The Chip Erase command does not affect sectors that are protected or locked down; the contents of those sectors
remain unchanged. Only those sectors that are not protected or locked down are erased.
The WP pin can be asserted while the device is erasing, but protection is not activated until the internal erase
cycle completes.
The device also incorporates an intelligent algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it is indicated by the EPE bit in the Status Register.
Figure 4. Chip Erase
Table 4. Chip Erase Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Chip Erase
C7h
94h
80h
9Ah
C7h
94h
80h
9Ah
CS
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com