Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 24Page - Renesas Technology Corp AT45DB641E Datasheet HTML 25Page - Renesas Technology Corp AT45DB641E Datasheet HTML 26Page - Renesas Technology Corp AT45DB641E Datasheet HTML 27Page - Renesas Technology Corp AT45DB641E Datasheet HTML 28Page - Renesas Technology Corp AT45DB641E Datasheet HTML 29Page - Renesas Technology Corp AT45DB641E Datasheet HTML 30Page - Renesas Technology Corp AT45DB641E Datasheet HTML 31Page - Renesas Technology Corp AT45DB641E Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 28
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
8.1.1
Enable Sector Protection
Sectors specified for protection in the Sector Protection Register can be protected from program and erase
operations by issuing the Enable Sector Protection command. To enable the sector protection, a 4-byte command
sequence of 3Dh, 2Ah, 7Fh, and A9h must be clocked into the device. After the last bit of the opcode sequence
has been clocked in, the CS pin must be deasserted to enable the Sector Protection.
Figure 5. Enable Sector Protection
8.1.2
Disable Sector Protection
To disable the sector protection, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and 9Ah must be clocked into
the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to
disable the sector protection.
Figure 6. Disable Sector Protection
Table 6. Enable Sector Protection Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3Dh
2Ah
7Fh
A9h
Table 7. Disable Sector Protection Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3Dh
2Ah
7Fh
9Ah
3Dh
2Ah
7Fh
A9h
CS
Each transition represents eight bits
SI
3Dh
2Ah
7Fh
9Ah
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com