Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 67Page - Renesas Technology Corp AT45DB641E Datasheet HTML 68Page - Renesas Technology Corp AT45DB641E Datasheet HTML 69Page - Renesas Technology Corp AT45DB641E Datasheet HTML 70Page - Renesas Technology Corp AT45DB641E Datasheet HTML 71Page - Renesas Technology Corp AT45DB641E Datasheet HTML 72Page - Renesas Technology Corp AT45DB641E Datasheet HTML 73Page - Renesas Technology Corp AT45DB641E Datasheet HTML 74Page - Renesas Technology Corp AT45DB641E Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 71
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
Figure 48. Status Register Read (Opcode D7h)
Figure 49. Manufacturer and Device Read (Opcode 9Fh)
Figure 50. Reset Timing
The CS signal should be in the high state before the RESET signal is deasserted.
SCK
CS
SI
SO
6
0
9Fh
8
7
46
Opcode
1Fh
00h
01h
00h
Manufacturer ID
Device ID
Byte 1
Device ID
Byte 2
EDI
String Length
EDI
Data Byte 1
High-impedance
14
16
15
22
24
23
38
40
39
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)
28h
CS
SCK
RESET
SO (Output)
High Impedance
High Impedance
SI (Input)
tRST
tREC
tCSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com