Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 18Page - Renesas Technology Corp AT45DB641E Datasheet HTML 19Page - Renesas Technology Corp AT45DB641E Datasheet HTML 20Page - Renesas Technology Corp AT45DB641E Datasheet HTML 21Page - Renesas Technology Corp AT45DB641E Datasheet HTML 22Page - Renesas Technology Corp AT45DB641E Datasheet HTML 23Page - Renesas Technology Corp AT45DB641E Datasheet HTML 24Page - Renesas Technology Corp AT45DB641E Datasheet HTML 25Page - Renesas Technology Corp AT45DB641E Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 22
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
7.9
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
The main memory array is comprised of 33 sectors, and only one sector can be erased at a time. To perform an
erase of Sector 0a or Sector 0b with the standard DataFlash page size (264 bytes), an opcode of 7Ch must be
clocked into the device followed by three address bytes comprised of 12 page address bits (PA14 - PA3), and 12
dummy bits. To perform a Sector 1-31 erase, an opcode of 7Ch must be clocked into the device followed by three
address bytes comprised of 5 page address bits (PA14 - PA10), and 19 dummy bits.
To perform a Sector 0a or Sector 0b erase with the binary page size (256 bytes), an opcode of 7Ch must be
clocked into the device followed by three address bytes comprised of 1 dummy bit, 12 page address bits (A22 -
A11), and 11 dummy bits. To perform a Sector 1-31 erase, an opcode of 7Ch must be clocked into the device
followed by 1 dummy bit, 5 page address bits (A22 - A18), and 18 dummy bits.
The page address bits are used to specify any valid address location within the sector to be erased. When a low-
to high transition occurs on the CS pin, the device erases the selected sector. The erase operation is internally
self-timed and takes place in a maximum time of tSE. During this time, the RDY/BUSY bit in the Status Register
indicates that the device is busy.
The device also incorporates an intelligent algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it is indicated by the EPE bit in the Status Register.
Table 3. Sector Erase Addressing
PA14
/A22
PA13
/A21
PA12
/A20
PA11/
A19
PA10
/A18
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Sector
000000000000
X
X
X
0a
000000000001
X
X
X
0b
00001
XXXXX
XXXXX
1
00010
XXXXX
XXXXX
2
•••••••••••••••
•
•••••••••••••••
•
•••••••••••••••
•
11100
XXXXX
XXXXX
28
11101
XXXXX
XXXXX
29
11110
XXXXX
XXXXX
30
11111
XXXXX
XXXXX
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com