Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 31Page - Renesas Technology Corp AT45DB641E Datasheet HTML 32Page - Renesas Technology Corp AT45DB641E Datasheet HTML 33Page - Renesas Technology Corp AT45DB641E Datasheet HTML 34Page - Renesas Technology Corp AT45DB641E Datasheet HTML 35Page - Renesas Technology Corp AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp AT45DB641E Datasheet HTML 38Page - Renesas Technology Corp AT45DB641E Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 35
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
9.1.1
Read Sector Lockdown Register
The nonvolatile Sector Lockdown Register specifies which sectors in the main memory are currently unlocked or
have been permanently locked down. The Sector Lockdown Register is a read-only register and contains 32 bytes
of data which correspond to Sectors 0 through 31. To read the Sector Lockdown Register, an opcode of 35h must
be clocked into the device followed by three dummy bytes. After the last bit of the opcode and dummy bytes have
been clocked in, the data for the contents of the Sector Lockdown Register are clocked out on the SO pin. The
first byte (byte location 0) corresponds to Sector 0 (0a and 0b), the second byte corresponds to Sector 1, and the
last byte (byte location 31) corresponds to Sector 31. After the last byte of the Sector Lockdown Register has
been read, additional pulses on the SCK pin results in undefined data being output on the SO pin.
Deasserting the CS pin terminates the Read Sector Lockdown Register operation and put the SO pin into a high-
impedance state. Table 15 details the format the Sector Lockdown Register.
Figure 12. Read Sector Lockdown Register
Table 15. Sector Lockdown Register
Sector Number
0 (0a, 0b)
1 to 31
Locked
See Table 16
FFh
Unlocked
00h
Table 16. Sector 0 (0a and 0b) Sector Lockdown Register Byte Value
Bit 7:6
Bit 5:4
Bit 3:2
Bit 1:0
Data
Value
Sector 0a
(Page 0-7)
Sector 0b
(Page 8-1023)
N/A
N/A
Sectors 0a and 0b Unlocked
00
00
00
00
00h
Sector 0a Locked
11
00
00
00
C0h
Sector 0b Locked
00
11
00
00
30h
Sectors 0a and 0b Locked
11
11
00
00
F0h
Table 17. Read Sector Lockdown Register Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Lockdown Register
35h
XXh
XXh
XXh
32h
XX
XX
XX
Data
n
Data
n + 1
CS
SI
SO
Data
n + 31
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com