Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 56Page - Renesas Technology Corp AT45DB641E Datasheet HTML 57Page - Renesas Technology Corp AT45DB641E Datasheet HTML 58Page - Renesas Technology Corp AT45DB641E Datasheet HTML 59Page - Renesas Technology Corp AT45DB641E Datasheet HTML 60Page - Renesas Technology Corp AT45DB641E Datasheet HTML 61Page - Renesas Technology Corp AT45DB641E Datasheet HTML 62Page - Renesas Technology Corp AT45DB641E Datasheet HTML 63Page - Renesas Technology Corp AT45DB641E Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 60
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
19.4 AC Characteristics
1. Values are based on device characterization, not 100% tested in production.
Symbol
Parameter
1.7 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Max
Min
Max
fSCK
SCK Frequency
50
85
MHz
fCAR1
SCK Frequency for Continuous Read (0x0B)
50
85
MHz
fCAR2
SCK Frequency for Continuous Read (Low Frequency)(0x03)
40
50
MHz
fCAR3
SCK Frequency for Continuous Read (Low Power Mode – 01h Opcode)
15
15
MHz
fCAR4
SCK Frequency for Continuous Read (0x1B)
66
104
MHz
tWH
SCK High Time
4.5
4.5
ns
tWL
SCK Low Time
4.5
4.5
ns
tSCKR[1]
SCK Rise Time, Peak-to-peak
0.1
0.1
V/ns
tSCKF[1]
SCK Fall Time, Peak-to-peak
0.1
0.1
V/ns
tCS
Minimum CS High Time
30
30
ns
tCSS
CS Setup Time
6
5
ns
tCSH
CS Hold Time
5
5
ns
tSU
Data In Setup Time
2
2
ns
tH
Data In Hold Time
1
1
ns
tHO
Output Hold Time
0
0
ns
tDIS[1]
Output Disable Time
8
6
ns
tV
Output Valid
76
ns
tWPE
WP Low to Protection Enabled
1
1
µs
tWPD
WP High to Protection Disabled
1
1
µs
tLOCK
Freeze Sector Lockdown Time (from CS High)
200
200
µs
tEUDPD[1] CS High to Ultra-Deep Power-Down
3
3
µs
tCSLU
Minimum CS Low Time to Exit Ultra-Deep Power-Down
20
20
ns
tXUDPD
Exit Ultra-Deep Power-Down Time
100
100
µs
tEDPD[1]
CS High to Deep Power-Down
2
2
µs
tRDPD
Resume from Deep Power-Down Time
35
35
µs
tXFR
Page to Buffer Transfer Time
180
180
µs
tCOMP
Page to Buffer Compare Time
180
180
µs
tRST
RESET Pulse Width
10
10
µs
tREC
RESET Recovery Time
1
1
µs
tSWRST
Software Reset Time
35
35
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com