Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 17Page - Renesas Technology Corp AT45DB641E Datasheet HTML 18Page - Renesas Technology Corp AT45DB641E Datasheet HTML 19Page - Renesas Technology Corp AT45DB641E Datasheet HTML 20Page - Renesas Technology Corp AT45DB641E Datasheet HTML 21Page - Renesas Technology Corp AT45DB641E Datasheet HTML 22Page - Renesas Technology Corp AT45DB641E Datasheet HTML 23Page - Renesas Technology Corp AT45DB641E Datasheet HTML 24Page - Renesas Technology Corp AT45DB641E Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 21
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
7.8
Block Erase
The Block Erase command can be used to erase a block of eight pages at one time. This command is useful when
needing to pre-erase larger amounts of memory and is more efficient than issuing eight separate Page Erase
commands.
To perform a Block Erase with the standard DataFlash page size (264 bytes), an opcode of 50h must be clocked
into the device followed by three address bytes comprised of 12 page address bits (PA14 - PA3), and 12 dummy
bits. The 12 page address bits are used to specify which block of 8 pages is to be erased.
To perform a Block Erase with the binary page size (256 bytes), an opcode of 50h must be clocked into the device
followed by three address bytes comprised of 1 dummy bit, 12 page address bits (A22 - A11), and 11 dummy bits.
The 12 page address bits are used to specify which block of 8 pages is to be erased.
When a low-to-high transition occurs on the CS pin, the device erases the selected block of eight pages. The
erase operation is internally self-timed and takes place in a maximum time of tBE. During this time, the RDY/BUSY
bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
Table 2. Block Erase Addressing
PA14
PA13
PA12
PA11/
PA10
PA9/
PA8/
PA7/
PA6/
PA5/
PA4/
PA3/
PA2/
PA1/
PA0/
Block
/A22
/A21
/A20
A19
/A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
000
0
000
00000
X
X
X
0
000
0
000
00001
X
X
X
1
000
0
000
00010
X
X
X
2
000
0
000
00011
X
X
X
3
•
•
•
•
••••••
•••••
•
•
•
•
•
••••••
•••••
•
•
•
•
•
••••••
•••••
•
111
1
111
11100
X
X
X
4092
111
1
111
11101
X
X
X
4093
111
1
111
11110
X
X
X
4094
111
1
111
11111
X
X
X
4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com