Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 35Page - Renesas Technology Corp AT45DB641E Datasheet HTML 36Page - Renesas Technology Corp AT45DB641E Datasheet HTML 37Page - Renesas Technology Corp AT45DB641E Datasheet HTML 38Page - Renesas Technology Corp AT45DB641E Datasheet HTML 39Page - Renesas Technology Corp AT45DB641E Datasheet HTML 40Page - Renesas Technology Corp AT45DB641E Datasheet HTML 41Page - Renesas Technology Corp AT45DB641E Datasheet HTML 42Page - Renesas Technology Corp AT45DB641E Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 39
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
10.3 Auto Page Rewrite
This command only needs to be used if the possibility exists that static (non-changing) data are stored in a page
or pages of a sector and the other pages of the same sector are erased and programmed a large number of times.
Applications that modify data in a random fashion within a sector can fall into this category. To preserve data
integrity of a sector, each page within a sector must be updated/rewritten at least once within every 50,000
cumulative page erase/program operations within that sector. The Auto Page Rewrite command provides a simple
and efficient method to “refresh” a page in the main memory array in a single operation.
The Auto Page Rewrite command is a combination of the Main Memory Page to Buffer Transfer and Buffer to
Main Memory Page Program with Built-In Erase commands. With the Auto Page Rewrite command, a page of
data is first transferred from the main memory to Buffer 1 or Buffer 2 and then the same data (from Buffer 1 or
Buffer 2) are programmed back into the same page of main memory, essentially “refreshing” the contents of that
page. To start the Auto Page Rewrite operation with the standard DataFlash page size (264 bytes), a 1-byte
opcode, 58H for Buffer 1 or 59H for Buffer 2, must be clocked into the device followed by three address bytes
comprised of 15 page address bits (PA14-PA0) that specify the page in main memory to be rewritten, and 9
dummy bits.
To initiate an Auto Page Rewrite with the a binary page size (256 bytes), the opcode 58H for Buffer 1 or 59H for
Buffer 2, must be clocked into the device followed by three address bytes consisting of 1 dummy bit, 15 page
address bits (A22 - A8) that specify the page in the main memory that is to be rewritten, and 8 dummy bits. When
a low-to-high transition occurs on the CS pin, the part first transfers data from the page in main memory to a
buffer, and then programs the data from the buffer back into same page of main memory. The operation is
internally self-timed and takes place in a maximum time of tEP. During this time, the RDY/BUSY Status Register
indicates that the part is busy.
If a sector is programmed or reprogrammed sequentially page by page and the possibility does not exist that there
is a page or pages of static data, then the programming algorithm shown in Figure 51 is recommended.
Otherwise, if there is a chance that there is a page or pages of a sector that contains static data, then the
programming algorithm shown in Figure 52 is recommended. Contact Renesas Electronics for availability of
devices that are specified to exceed the 50,000 cycle cumulative limit.
Note: The Auto Page Rewrite command uses the same opcodes as the Read-Modify-Write command. If data
bytes are clocked into the device, then the device performs a Read-Modify-Write operation. See “Read-Modify-
Write” on page 19 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com