Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 56Page - STMicroelectronics STA333BW Datasheet HTML 57Page - STMicroelectronics STA333BW Datasheet HTML 58Page - STMicroelectronics STA333BW Datasheet HTML 59Page - STMicroelectronics STA333BW Datasheet HTML 60Page - STMicroelectronics STA333BW Datasheet HTML 61Page - STMicroelectronics STA333BW Datasheet HTML 62Page - STMicroelectronics STA333BW Datasheet HTML 63Page - STMicroelectronics STA333BW Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
STA333BW
Package thermal characteristics
61/64
8
Package thermal characteristics
Using a double-layer PCB the thermal resistance junction to ambient with 2 copper ground
area of 3x3 cm and with 16 via holes (see Figure 22) is 24 °C/W in natural air convection.
The dissipated power within the device depends primarily on the supply voltage, load
impedance and output modulation level.
The estimated maximum dissipated power for the STA333BW is:
Figure 22.
Double layer PCB Rth j-amb with 2 GND copper area and with 16 via holes
Figure 23 shows the power derating curve for the PSSO36 package with PCB copper areas
of 2 x 2 cm and 3 x 3 cm.
Figure 23.
PSSO36 power derating curve
2 x 20 W into 8
Ω, 18 V
Pd max ~ 4 W
2 x 10 W + 1 x 20 W into 4
Ω, 8 Ω, 18 V
Pd max < 5 W
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333BW
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333BW
PSSO36
Copper Area 3x3 cm
and via holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com