Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 29Page - STMicroelectronics STA333BW Datasheet HTML 30Page - STMicroelectronics STA333BW Datasheet HTML 31Page - STMicroelectronics STA333BW Datasheet HTML 32Page - STMicroelectronics STA333BW Datasheet HTML 33Page - STMicroelectronics STA333BW Datasheet HTML 34Page - STMicroelectronics STA333BW Datasheet HTML 35Page - STMicroelectronics STA333BW Datasheet HTML 36Page - STMicroelectronics STA333BW Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
STA333BW
Register description
33/64
6.6
Configuration register F (0x05)
6.6.1
Output configuration
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
OCFG1
OCFG0
01
0
1
1
1
0
0
Bit
R/W
RST
Name
Description
0
R/W
0
OCFG0
Selects the output configuration
1
R/W
0
OCFG1
Table 15.
Output configuration engine selection
OCFG[1:0]
Output configuration
Config PIN
00
2-channel (full-bridge) power, 2 channel data-out:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
Line out1
→ 3A/3B
Line out2
→ 4A/4B
Line out configuration determined by LOC register
0
01
2(half-bridge).1(full-bridge) on-board power:
1A
→ 1A
binary 0 °
2A
→ 1B
binary 90°
3A/3B
→ 2A/2B binary 45°
1A/B
→ 3A/B
binary 0°
2A/B
→ 4A/B
binary 90°
0
10
2-channel (full-bridge) power, 1 channel DDX:
1A/1B
→ 1A/1B
2A/2B
→ 2A/2B
3A/3B
→ 3A/3B
EAPDEXT and TWARNEXT Active
0
11
1-channel mono-parallel:
3A
→ 1A/1B
w/ C3BO 45°
3B
→ 2A/2B
w/ C3BO 45°
1A/1B
→ 3A/3B
2A/2B
→ 4A/4B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com