Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 15Page - STMicroelectronics STA333BW Datasheet HTML 16Page - STMicroelectronics STA333BW Datasheet HTML 17Page - STMicroelectronics STA333BW Datasheet HTML 18Page - STMicroelectronics STA333BW Datasheet HTML 19Page - STMicroelectronics STA333BW Datasheet HTML 20Page - STMicroelectronics STA333BW Datasheet HTML 21Page - STMicroelectronics STA333BW Datasheet HTML 22Page - STMicroelectronics STA333BW Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
STA333BW
I2C bus specification
19/64
5.3
Write operation
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA333BW acknowledges this and the writes for the byte of internal address. After
receiving the internal byte address the STA333BW again responds with an
acknowledgement.
5.3.1
Byte write
In the byte write mode the master sends one data byte, this is acknowledged by the
STA333BW. The master then terminates the transfer by generating a STOP condition.
5.3.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generating a
STOP condition terminates the transfer.
5.4
Read operation
5.4.1
Current address byte read
Following the START condition the master sends a device select code with the RW bit set
to 1. The STA333BW acknowledges this and then responds by sending one byte of data.
The master then terminates the transfer by generating a STOP condition.
5.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA333BW. The master acknowledges each
data byte read and then generates a STOP condition terminating the transfer.
5.4.3
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA333BW acknowledges this and then the master writes the internal address
byte. After receiving, the internal byte address the STA333BW again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA333BW acknowledges this and then responds
by sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
5.4.4
Random address multi-byte read
The multi-byte read modes could start from any internal address. Sequential data bytes are
read from sequential addresses within the STA333BW. The master acknowledges each
data byte read and then generates a STOP condition terminating the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com