Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 36Page - STMicroelectronics STA333BW Datasheet HTML 37Page - STMicroelectronics STA333BW Datasheet HTML 38Page - STMicroelectronics STA333BW Datasheet HTML 39Page - STMicroelectronics STA333BW Datasheet HTML 40Page - STMicroelectronics STA333BW Datasheet HTML 41Page - STMicroelectronics STA333BW Datasheet HTML 42Page - STMicroelectronics STA333BW Datasheet HTML 43Page - STMicroelectronics STA333BW Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Register description
STA333BW
40/64
6.7.3
Channel 1 volume
6.7.4
Channel 2 volume
6.7.5
Channel 3 / line output volume
The Volume structure of the STA333BW consists of individual volume registers for each
channel and a master volume register that provides an offset to each channels volume
setting. The individual channel volumes are adjustable in 0.5 dB steps from +48 dB to
-80 dB.
As an example if C3V = 0x00 or +48 dB and MV = 0x18 or –12 dB, then the total gain for
channel 3 = +36 dB.
The Master Mute when set to 1 mutes all channels at once, whereas the individual channel
mutes (CxM) mutes only that channel. Both the Master Mute and the Channel Mutes
provide a “soft mute” with the volume ramping down to mute in 4096 samples from the
maximum volume setting at the internal processing rate(~96 kHz).
A “hard mute” can be obtained by commanding a value of all 1’s (255) to any channel
volume register or the master volume register. When volume offsets are provided via the
master volume register any channel that whose total volume is less than –80 dB is muted.
All changes in volume take place at zero-crossings when ZCE = 1 (configuration register F)
on a per channel basis as this creates the smoothest possible volume transitions. When
ZCE=0, volume updates occur immediately.
D7
D6
D5
D4
D3
D2
D1
D0
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0
110
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
0
110
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
0
110
00
00
Table 16.
Master volume offset as a function of MV[7:0]
MV[7:0]
Volume offset from channel value
00000000 (0x00)
0 dB
00000001 (0x01)
-0.5 dB
00000010 (0x02)
-1 dB
……
01001100 (0x4C)
-38 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com