Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 35Page - STMicroelectronics STA333BW Datasheet HTML 36Page - STMicroelectronics STA333BW Datasheet HTML 37Page - STMicroelectronics STA333BW Datasheet HTML 38Page - STMicroelectronics STA333BW Datasheet HTML 39Page - STMicroelectronics STA333BW Datasheet HTML 40Page - STMicroelectronics STA333BW Datasheet HTML 41Page - STMicroelectronics STA333BW Datasheet HTML 42Page - STMicroelectronics STA333BW Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
STA333BW
Register description
39/64
6.6.6
IC power down
The PWDN register is used to place the IC in a low-power state. When PWDN is written
as 0, the output begins a soft-mute. After the mute condition is reached, EAPD is asserted
to power down the power-stage, then the master clock to all internal hardware expect the
I2C block is gated. This places the IC in a very low power consumption state.
6.6.7
External amplifier power down
The EAPD register directly disables/enables the internal power circuitry.
When EAPD = 0, the internal power section is placed on a low-power state (disabled). This
register also controls the DDX4B/EAPD output pin when OCFG = 10.
6.7
Volume control registers (0x06 to 0x0A)
6.7.1
Mute/line output configuration register
Line output is only active when OCFG = 00. In this case LOC determines the line output
configuration. The source of the line output is always the channel 1 and 2 inputs.
6.7.2
Master volume register
Bit
R/W
RST
Name
Description
7R/W
1
PWDN
0: IC power down low-power condition
1: IC normal operation
Bit
R/W
RST
Name
Description
7
R/W
0
EAPD
0: external power stage power down active
1: normal operation
D7
D6
D5
D4
D3
D2
D1
D0
LOC1
LOC0
C3M
C2M
C1M
MMUTE
0
0
00
00
LOC[1:0]
Line output configuration
00
Line output fixed, no volume, no EQ
01
Line output variable, CH3 volume effects line output, no EQ
10
Line output variable with EQ, CH3 volume effects line output
D7
D6
D5
D4
D3
D2
D1
D0
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
1
111
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com