Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 21Page - STMicroelectronics STA333BW Datasheet HTML 22Page - STMicroelectronics STA333BW Datasheet HTML 23Page - STMicroelectronics STA333BW Datasheet HTML 24Page - STMicroelectronics STA333BW Datasheet HTML 25Page - STMicroelectronics STA333BW Datasheet HTML 26Page - STMicroelectronics STA333BW Datasheet HTML 27Page - STMicroelectronics STA333BW Datasheet HTML 28Page - STMicroelectronics STA333BW Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
STA333BW
Register description
25/64
6.2
Configuration register B (0x01)
6.2.1
Serial audio input interface format
6.2.2
Serial data interface
The STA333BW audio serial input was designed to interface with standard digital audio
components and to accept a number of serial data formats. STA333BW always acts a slave
when receiving audio input from standard digital audio components. Serial data for two
channels is provided using three inputs: left/right clock LRCKI, serial clock BICKI, and serial
data 1 and 2 SDI12.
The SAI register (configuration register B (0x01), bits D3 to D0) and the SAIFB register
(configuration register B (0x01), bit D4) are used to specify the serial data format. The
default serial data format is I2S, MSB-first. Available formats are shown in the tables and
figure that follow.
6.2.3
Serial data first bit
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
1
000
00
00
Bit
R/W
RST
Name
Description
0
R/W
0
SAI0
Determines the interface format of the input serial
digital audio interface.
1
R/W
0
SAI1
2
R/W
0
SAI2
3
R/W
0
SAI3
SAIFB
Format
0MSB-first
1
LSB-first
Table 11.
Support serial audio input formats for MSB-first (SAIFB = 0)
BICKI
SAI [3:0]
SAIFB
Interface format
32fs
0000
0
I2S 15-bit data
0001
0
Left/right-justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com