Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 45Page - STMicroelectronics STA333BW Datasheet HTML 46Page - STMicroelectronics STA333BW Datasheet HTML 47Page - STMicroelectronics STA333BW Datasheet HTML 48Page - STMicroelectronics STA333BW Datasheet HTML 49Page - STMicroelectronics STA333BW Datasheet HTML 50Page - STMicroelectronics STA333BW Datasheet HTML 51Page - STMicroelectronics STA333BW Datasheet HTML 52Page - STMicroelectronics STA333BW Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
STA333BW
Register description
49/64
Anti-clipping mode
Table 26.
Limiter attack threshold
as a function of LxAT bits
(AC-Mode).
Table 27.
Limiter release threshold
as a function of LxRT
bits (AC-Mode).
LxAT[3:0]
AC(dB relative to FS)
LxRT[3:0]
AC(dB relative to FS)
0000
-12
0000
-
∞
0001
-10
0001
-29 dB
0010
-8
0010
-20 dB
0011
-6
0011
-16 dB
0100
-4
0100
-14 dB
0101
-2
0101
-12 dB
0110
0
0110
-10 dB
0111
+2
0111
-8 dB
1000
+3
1000
-7 dB
1001
+4
1001
-6 dB
1010
+5
1010
-5 dB
1011
+6
1011
-4 dB
1100
+7
1100
-3 dB
1101
+8
1101
-2 dB
1110
+9
1110
-1 dB
1111
+10
1111
-0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com