Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 18Page - STMicroelectronics STA333BW Datasheet HTML 19Page - STMicroelectronics STA333BW Datasheet HTML 20Page - STMicroelectronics STA333BW Datasheet HTML 21Page - STMicroelectronics STA333BW Datasheet HTML 22Page - STMicroelectronics STA333BW Datasheet HTML 23Page - STMicroelectronics STA333BW Datasheet HTML 24Page - STMicroelectronics STA333BW Datasheet HTML 25Page - STMicroelectronics STA333BW Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Register description
STA333BW
22/64
6.1
Configuration register A (0x00)
6.1.1
Master clock select
The STA333BW supports sample rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. Therefore the internal clock is:
"
32.768 MHz for 32 kHz
"
45.1584 MHz for 44.1 kHz, 88.2 kHz, and 176.4 kHz
"
49.152 MHz for 48 kHz, 96 kHz, and 192 kHz
0x20
A2cf1
C4B23
C4B22
C4B21
C4B20
C4B19
C4B18
C4B17
C4B16
0x21
A2cf2
C4B15
C4B14
C4B13
C4B12
C4B11
C4B10
C4B9
C4B8
0x22
A2cf3
C4B7
C4B6
C4B5
C4B4
C4B3
C4B2
C4B1
C4B0
0x23
B0cf1
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
0x24
B0cf2
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
0x25
B0cf3
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
0x26
Cfud
RA
R1
WA
W1
0x27
MPCC1
MPCC15 MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
0x28
MPCC2
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
0x29
DCC1
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
0x2A
DCC2
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
0x2B
FDRC1
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
0x2C
FDRC2
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
0x2D
Status
PLLUL
FAULT
UVFAULT
OVFAULT
OCFAULT OCWARN
TFAULT
TWARN
0x2E
reserved
RO1BACT
R5BACT
R4BACT
R3BACT
R2BACT
R1BACT
0x2F
reserved
R01BEND
R5BEND
R4BEND
R3BEND
R2BEND R1BEND
0x30
reserved
R5BBAD
R4BBAD
R3BBAD
R2BBAD
R1BBAD
Table 8.
Register summary (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
0
110
00
11
Bit
R/W
RST
Name
Description
0R/W
1
MCS0
Selects the ratio between the input I2S sample
frequency and the input clock.
1R/W
1
MCS1
2R/W
0
MCS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com