Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 25Page - STMicroelectronics STA333BW Datasheet HTML 26Page - STMicroelectronics STA333BW Datasheet HTML 27Page - STMicroelectronics STA333BW Datasheet HTML 28Page - STMicroelectronics STA333BW Datasheet HTML 29Page - STMicroelectronics STA333BW Datasheet HTML 30Page - STMicroelectronics STA333BW Datasheet HTML 31Page - STMicroelectronics STA333BW Datasheet HTML 32Page - STMicroelectronics STA333BW Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
STA333BW
Register description
29/64
6.3.3
Over-current warning detect adjustment bypass
The OCWARN input is used to indicate an over-current warning condition. When OCWARN
is asserted (set to 0), the power control block forces an adjustment to the modulation limit
(default is -3 dB) in an attempt to eliminate the over-current warning condition. Once the
over-current warning volume adjustment is applied, it remains in this state until reset is
applied. The level of adjustment can be changed via the TWOCL (thermal warning/over
current limit) setting which is address 0x37 of the user defined coefficient RAM.
6.4
Configuration register D (0x03)
6.4.1
High-pass filter bypass
The STA333BW features an internal digital high-pass filter for the purpose of AC coupling.
The purpose of this filter is to prevent DC signals from passing through a DDX amplifier. DC
signals can cause speaker damage. When HPB=0, this filter is enabled.
6.4.2
De-emphasis
Setting the DEMP bit enables de-emphasis on all channels
6.4.3
DSP bypass
Setting the DSPB bit bypasses the EQ functionality of the STA333BW.
Bit
R/W
RST
Name
Description
7
R/W
1
OCRB
0: over-current warning adjustment enabled
1: over-current warning adjustment disabled
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
0
100
00
00
Bit
R/W
RST
Name
Description
0R/W
0
HPB
Setting of one bypasses internal AC coupling digital
high-pass filter
Bit
R/W
RST
Name
Description
1R/W
0
DEMP
0: no de-emphasis
1: de-emphasis
Bit
R/W
RST
Name
Description
2
R/W
0
DSPB
0: normal operation
1: bypass of biquad and bass/treble functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com