Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 26Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 27Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 28Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 29Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 30Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 31Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 32Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 33Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 30
May 11, 2026
RC193xx Datasheet
3. Test Loads
Figure 10. AC/DC Test Load for Differential Outputs (Standard PCIe Source-Terminated)
Figure 11. AC/DC Test Load for Differential Outputs (Double-Terminated or Receiver-Terminated)
Table 28. Parameters for AC/DC Test Load (Standard PCIe Source-Terminated)
Clock Source
L (cm)
CL (pF)
ZOUTSEL_tri pin
Zo (ohms)
Rs (ohms)
SMA100B
25.4
2
0 (85 ohms)
85
Internal
1 (100 ohms)
100
Internal
Mid (34 ohms)
85
External 25.5
100
External 33.3
Table 29. Parameters for AC/DC Test Load (Double-Terminated)
Clock Source
L (cm)
CL (pF)
ZOUTSEL_tri pin
Zo (ohms)
Rs (ohms)
SMA100B
25.4
2
0 (85 ohms)
85
Internal
1 (100 ohms)
100
Internal
Mid (34 ohms)
85
None[1]
1. This setting is designed to provide additional amplitude for receiver-terminated loads by turning off the source termination in the output driver.
There is no reflection with receiver terminated loads since the receiver termination absorbs the incident waveform.
100
DUT Board
CKIN+
CK+
DUT Chip
CKIN-
CK-
Zo (differential)
Rs
Rs
CL
CL
CK+
Clock Source
CK-
DSO
Probes
SMA
DUT Board
CKIN+
CK+
DUT Chip
CKIN-
CK-
Zo (differential)
Rs
Rs
CL
CL
CK+
Clock Source
CK-
SMA
SMA
DSO
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com