Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 29Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 30Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 31Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 32Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 33Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 34Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 35Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 33
May 11, 2026
RC193xx Datasheet
4.3
Write Lock Functionality (RC19308)
4.4
SMBus Address Selection (RC19308)
4.5
SMBus Registers
WRITE_LOCK
WRITE_LOCK RW1C
SMBus Write Protect
0
0
No
0
1
Yes
1
0
Yes
1
1
Yes
Device
Address Selection
Binary Value
Hex Value
SADR_TRI1
SADR_TRI0
7
6
5
4
3
2
1
Rd/Wrt
RC19308
0
0
1
1
0
1
0
1
1
0
D6
M
1
1
0
1
1
0
0
0
D8
1
1
1
0
1
1
0
1
0
DA
M
0
1
1
0
0
0
1
1
0
C6
M
1
1
0
0
1
0
0
0
C8
1
1
1
0
0
1
0
1
0
CA
1
0
1
0
1
0
0
1
1
0
A6
M
1
0
1
0
1
0
0
0
A8
1
1
0
1
0
1
0
1
0
AA
Table 31. Register Index
Offset (Hex)
Offset
(Decimal)
Register Module Base Address: 0x0
Register Name
Register Description
0x0
0
OUTPUT_ENABLE
Output Enable Register
0x3
3
OEB_PIN_READBACK
OEb Pin Read-back Register
0x4
4
LOS_CONFIG
Loss of Signal and Async Mode Configuration Register
0x5
5
VENDOR_REVISION_ID
Vendor ID, Revision ID Register
0x6
6
DEVICE_ID
Device ID Register
0x7
7
BYTE_COUNT
Number of Bytes Returned on an SMBus Block Read
0xA
10
SLEW_AMP_SELECT
Multifunction Pin Configuration Register
0xE
14
INPUT_PULLUP_PULLDOWN_4
Internal Pull-up / Pull-down Configuration Register
0x10
16
AMP_CTRL_ALT
Alternate Amplitude Selection Register
0x11
17
AMP_CTRL_DEF
Default Amplitude Selection Register
0x12
18
PD_RESTORE_LOSb_CONFIG
Configuration and Status Register
0x14
20
OUTPUT_IMPEDANCE_7_0
Output Impedance Select Register 0
0x15
21
OUTPUT_REC_SEL_7_0
Output Impedance Select Register 1
0x16
22
OUTPUT_SLEW_RATE_7_0
Output Slew Rate Select Register
0x20
32
LOW_LOW_DETECT
CLKIN Low-Low Detect Enable Register
0x23
35
RECEIVER_CONTROL
CLKIN Configuration Register
0x26
38
WRITE_LOCK
Non-clearable SMBus Write Lock Register
0x27
39
WRITE_LOCK_LOS_EVT
Clearable SMBus Write Lock and LOS Event Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com