Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 3Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 4Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 5Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 6Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 7Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 9Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 10Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 7
May 11, 2026
RC193xx Datasheet
29
LOSb
O, OD,
PDT
Output indicating Loss of Input Signal. This pin is an open drain output and requires an
external pull up resistor for proper functionality. A low output on this pin indicates a loss of
signal on the input clock.
30
VDDCLK_0
PWR
Power supply for clock output bank 0.
31
VDDA
PWR
Power supply for core multiplexer circuitry.
32
CLK3
O, DIF
True clock output.
33
CLKb3
O, DIF
Complementary clock output.
34
OEb3
I, SE, PU,
PDT
Active low input for enabling output 3.
0 = Enable output, 1 = Disable output.
35
OEb2
I, SE, PU,
PDT
Active low input for enabling output 2.
0 = Enable output, 1 = Disable output.
36
SADR_tri1
I, SE, PD,
PU
SMBus address bit. This is a tri-level input that works in conjunction with other SADR
pins, if present, to decode SMBus Addresses. See the SMBus Address Selection
(RC19308) table and refer to the tri-level input thresholds in the electrical tables.
37
CLK2
O, DIF
True clock output.
38
CLKb2
O, DIF
Complementary clock output.
39
VDDCLK_0
PWR
Power supply for clock output bank 0.
40
CLK1
O, DIF
True clock output.
41
CLKb1
O, DIF
Complementary clock output.
42
(RC19308A)
SLEWRATE_SEL
I, SE, PU,
PDT
Input to select default output slew rate.
0 = Slow slew rate.
1 = Fast slew rate.
42
(RC19308A0
01)
AMPLITUDE_SEL
I, SE, PD,
PDT
Input to select output amplitude. The values are programmable with defaults listed below.
See AMP_CTRL_DEF for default amplitude and AMP_CTRL_ALT for alternate
amplitude.
0 = Select Default Amplitude (800mV),
1 = Select Alternate Amplitude (900mV)
43
OEb1
I, SE, PU,
PDT
Active low input for enabling output 1.
0 = Enable output, 1 = Disable output.
44
OEb0
I, SE, PU,
PDT
Active low input for enabling output 0.
0 = Enable output, 1 = Disable output.
45
CLK0
O, DIF
True clock output.
46
CLKb0
O, DIF
Complementary clock output.
47
VDDCLK_0
PWR
Power supply for clock output bank 0.
48
GNDSUB
GND
Ground pin for substrate.
49
EPAD
PWR
Ground.
Table 1. RC19308A/A001 Pin Descriptions (Cont.)
Pin Number
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com