Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 7Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 9Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 10Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 11Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 12Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 13Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 14Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 11
May 11, 2026
RC193xx Datasheet
2. Specifications
2.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
16
CLK2
O, DIF
True clock output.
17
CLKb2
O, DIF
Complementary clock output.
18
VDDCLK_0
PWR
Power supply for clock output bank 0.
19
VDDDIG
PWR
Digital power.
20
GNDSUB
GND
Ground pin for substrate.
21
EPAD
GND
Connect to ground.
Table 4. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VDDx
Supply Voltage with respect to Ground
Any VDD pin
-0.5
2.2
V
VIN
Input Voltage for non-PDT inputs
Input pins not labeled as PDT
[1]
1. Inputs not designated Power Down Tolerant (PDT) in the pin description tables.
-0.5
VDDx + 0.3
V
VINPDT
Input Voltage for PDT inputs
PDT input pins, see below for
LOSb output pin [2]
2. Inputs designated Power Down Tolerant (PDT) in the pin description tables.
-0.5
3.6
V
VPUPSMB
Pull up resistor voltage for SMBus interface SCLK, SDATA pins
V
VPUPLOS
Pull up resistor voltage for LOSb pin
LOSb pin [3]
3. The VPUP voltage may be applied before main VDD is applied. The LOSb pin is PDT to this voltage, not to 3.6V.
-0.5
1.9
V
IIN
Input Current
All SE inputs and CLKIN [1]
-
+50
mA
IOUT
Output Current – Continuous
CLK
-
30
mA
SDATA
-
25
mA
Output Current – Surge
CLK
-
60
mA
SDATA
-
50
mA
TJ
Maximum Junction Temperature
-
-
150
°C
TS
Storage Temperature
Storage Temperature
-65
150
°C
ESD
Human Body Model
JESD22-A114 (JS-001)
Classification
-
2000
V
Charged Device Model
JESD22-C101 Classification
-
500
V
Table 3. RC19302A Pin Descriptions (Cont.)
Pin Number
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com