Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 4Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 5Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 6Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 7Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 9Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 10Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 11Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 8
May 11, 2026
RC193xx Datasheet
1.4
RC19304 Pin Information
1.4.1
RC19304 Pin Assignments
Figure 5. RC19304A Pin Assignments
Figure 6. RC19304A001 Pin Assignments
1.4.2
RC19304 Pin Descriptions
Table 2. RC19304A/A001 Pin Descriptions
Pin Number
Pin Name
Type
Description
1
PWRGD_PWRDNb
I, SE,
PDT, PU
Input notifies device to sample latched inputs and start up on first high assertion. Low
enters Power Down Mode, subsequent high assertions exit Power Down Mode.
2
CLKIN0
I, DIF
True clock input.
3
CLKINb0
I, DIF
Complementary clock input.
4
VDDIN0
PWR
Power supply for clock input 0.
5
CLKIN1
I, DIF
True clock input.
6
CLKINb1
I, DIF
Complementary clock input.
• 28272625242322
PWRGD_PWRDNb 1
21 CLKb2
CLKIN0 2
20 CLK2
CLKINb0 3
19 OEb2
VDDIN0 4
18 VDDA
CLKIN1 5
17 LOSb
CLKINb1 6
16 OEb5
VDDIN1 7
15 SLEWRATE_SEL
8
9 10 11 12 13 14
RC19304A
28-VFQFPN
Connect to EPAD
to GND
Top View
• 28272625242322
PWRGD_PWRDNb 1
21 CLKb2
CLKIN0 2
20 CLK2
CLKINb0 3
19 OEb2
VDDIN0 4
18 VDDA
CLKIN1 5
17 LOSb
CLKINb1 6
16 OEb5
VDDIN1 7
15 AMPLITUDE_SEL
8
9 10 11 12 13 14
RC19304A001
28-VFQFPN
Connect to EPAD
to GND
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com