Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 9Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 10Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 11Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 12Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 13Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 14Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 15Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 12
May 11, 2026
RC193xx Datasheet
2.2
Recommended Operation Conditions
All electrical characteristics are specified over Recommended Operating Conditions unless noted otherwise. All
conditions in this table must be met to guarantee device functionality and performance.
2.3
Thermal Specifications
Table 5. Recommended Operating Conditions
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
TJ
Maximum Junction Temperature
-
-
125
°C
TA
Ambient Operating Temperature
-40
25
105
°C
VDDx
Supply Voltage with respect to Ground Any VDD pin, 1.8V ±5% supply.
1.7
1.8
1.9
V
tPU
Power-up time for all VDDs to reach
minimum specified voltage (power
ramps must be monotonic)
Power-up time for all VDDs to
reach minimum specified voltage
(power ramps must be monotonic).
0.05
-
5
ms
Table 6. Thermal Specifications
Package [1]
1. Epad soldered to board.
Symbol
Conditions
Typical Value (°C/W)
6 × 6 mm 48-VFQFPN
(4.2 × 4.2 mm Epad)
θJc
Junction to Case
28.5
θJb
Junction to Base
3.3
θJA0
Junction to Air, still air
28.5
θJA1
Junction to Air, 1 m/s air flow
25.4
θJA3
Junction to Air, 3 m/s air flow
22.9
θJA5
Junction to Air, 5 m/s air flow
21.8
4 × 4 mm 28-VFQFPN
(2.6 × 2.6 mm Epad)
θJc
Junction to Case
45.3
θJb
Junction to Base
2.2
θJA0
Junction to Air, still air
36.3
θJA1
Junction to Air, 1 m/s air flow
32.7
θJA3
Junction to Air, 3 m/s air flow
31.0
θJA5
Junction to Air, 5 m/s air flow
30.0
3 × 3 mm 20-VFQFPN
(1.65 × 1.65 mm Epad)
θJc
Junction to Case
96.3
θJb
Junction to Base
20.4
θJA0
Junction to Air, still air
54.8
θJA1
Junction to Air, 1 m/s air flow
51.1
θJA3
Junction to Air, 3 m/s air flow
47.7
θJA5
Junction to Air, 5 m/s air flow
46.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com