Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 22Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 23Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 25Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 26Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 27Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 28Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 29Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 26
May 11, 2026
RC193xx Datasheet
2.4.7
I/O Electrical Characteristics
2.4.8
Power Supply Current
Table 24. I/O Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical Maximum Unit
VIH
Input High Voltage [1][2]
1. For SCLK and SDATA, see Table 26.
2. These values are compliant with JESD8-7A 1.8V Normal Range.
Single-ended inputs, unless otherwise listed.
0.65 ×
VDD
-
VDD + 0.3
V
VIL
Input Low Voltage [1][2]
-0.3
-
0.35 ×
VDD
V
VIH
Input High Voltage
SADR_tri[1:0].
0.75 ×
VDD
-
VDD + 0.3
V
VIM
Input Mid Voltage
0.45 ×
VDD
0.5 ×
VDD
0.55 ×
VDD
V
VIL
Input Low Voltage
-0.3
-
0.25 ×
VDD
V
VOL
Output Low Voltage
LOSb, IOL = 2mA.
-
0.1
0.4
V
IIH
Input Leakage Current
High, VIN = VDD
CLKIN
5
-
15
μA
CLKINb
-3
-
+3
PWRGD_PWRDNb
-35
-
-20
SADR_tri[1:0]
25
-
35
Single-ended inputs not otherwise listed
25
-
35
IIL
Input Leakage Current
Low, VIN = 0V
CLKIN
-3
-
+3
μA
CLKINb
-12
-
-6
PWRGD_PWRDNb
-35
-
-20
SADR_tri[1:0]
-35
-
-20
Single-ended inputs not otherwise listed
-35
-
-20
Rp
PD_CLKIN
Value of internal pull-down resistor to ground
(CLKIN)
-
53
-
kΩ
PU_CLKINb
Value of internal pull-up resistor to 0.5V (CLKINb).
-
57
-
Pull-up/Pull-down
Resistor
Single-ended inputs.
-
125
-
Zo
Output Impedance
CLK/CLKb single-ended impedance, 85Ω setting
-
34
-
Ω
CLK/CLKb single-ended impedance, 100Ω setting
-
39
-
CLK/CLKb single-ended impedance, 34Ω setting
-
14
-
Table 25. Power Supply Current [1][2][3]
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
IDDCLK_X
VDDCLK_X Operating Current
per Output Pair, 100Ω
impedance [4]
Fast slew rate, source-terminated load at
100MHz. PWRGD_PWRDNb = 1.
-
8.5
9.0
mA
Fast slew rate, double-terminated load at
100MHz. PWRGD_PWRDNb = 1.
-
10.0
10.5
Fast slew rate, source-terminated load at
maximum output frequency.
PWRGD_PWRDNb = 1.
-
10.8
11.1
Fast slew rate, double-terminated load at
maximum output frequency.
PWRGD_PWRDNb = 1.
-
13.0
13.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com