Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 30Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 31Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 32Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 33Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 34Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 35Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 34
May 11, 2026
RC193xx Datasheet
4.5.1
OUTPUT_ENABLE
Output Enable Register.
4.5.2
OEB_PIN_READBACK
OEb Pin Read-back Register.
OUTPUT_ENABLE Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7
clk7_en
RW
0x1
CLK7 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
6
clk6_en
RW
0x1
CLK6 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
5
clk5_en
RW
0x1
CLK5 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
4
clk4_en
RW
0x1
CLK4 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
3
clk3_en
RW
0x1
CLK3 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
2
clk2_en
RW
0x1
CLK2 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
1
clk1_en
RW
0x1
CLK1 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
0
clk0_en
RW
0x1
CLK0 enable.
0 = Output is disabled (low/low)
1 = Output is enabled
OEB_PIN_READBACK Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7
rb_oeb_7
RO
0x0
State of OEb7 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high
6
rb_oeb_6
RO
0x0
State of OEb6 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high
5
rb_oeb_5
RO
0x0
State of OEb5 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high
4
rb_oeb_4
RO
0x0
State of OEb4 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high
3
rb_oeb_3
RO
0x0
State of OEb3 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high
2
rb_oeb_2
RO
0x0
State of OEb2 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com