Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 42Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 43Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 44Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 41
May 11, 2026
RC193xx Datasheet
4.5.13 OUTPUT_REC_SEL_7_0
Output Impedance Select Register 1.
1
clk1_impedance0
RW
0x0
CLK1 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0, this bit and B0x15[1] are set to 0.
When this pin is M, this bit is set to 0, ignored, and B0x15[1] is set to 1.
When this pin is 1, this bit is set to 1 and B0x15[1] is set to 0.
0 = 85 ohm differential or 42.5 ohm single-ended
1 = 100 ohm differential or 50 ohm single-ended
0
clk0_impedance0
RW
0x0
CLK0 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0, this bit and B0x15[0] are set to 0.
When this pin is M, this bit is set to 0, ignored, and B0x15[0] is set to 1.
When this pin is 1, this bit is set to 1 and B0x15[0] is set to 0.
0 = 85 ohm differential or 42.5 ohm single-ended
1 = 100 ohm differential or 50 ohm single-ended
OUTPUT_REC_SEL_7_0 Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7
clk7_impedance1
RW
0x1
CLK7 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, this bit is set to 0 at power up and the appropriate value
is set in B0x14[7].
When this pin is M, this bit is set to 1 at power up, B0x14[7] is set to 0 and
ignored.
0 = See B0x14[7]
1 = 34 ohm differential or 17 ohm single-ended
6
clk6_impedance1
RW
0x1
CLK6 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, this bit is set to 0 at power up and the appropriate value
is set in B0x14[6].
When this pin is M, this bit is set to 1 at power up, B0x14[6] is set to 0 and
ignored.
0 = Source, see B0x14[6]
1 = 34 ohm differential or 17 ohm single-ended
5
clk5_impedance1
RW
0x1
CLK5 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, this bit is set to 0 at power up and the appropriate value
is set in B0x14[5].
When this pin is M, this bit is set to 1 at power up, B0x14[5] is set to 0 and
ignored.
0 = Source, see B0x14[5]
1 = 34 ohm differential or 17 ohm single-ended
4
clk4_impedance1
RW
0x1
CLK4 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, this bit is set to 0 at power up and the appropriate value
is set in B0x14[4].
When this pin is M, this bit is set to 1 at power up, B0x14[4] is set to 0 and
ignored.
0 = Source, see B0x14[4]
1 = 34 ohm differential or 17 ohm single-ended
OUTPUT_IMPEDANCE_7_0 Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com