Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 42Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 43Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 44Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 45Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 46Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 47Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 48Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 45
May 11, 2026
RC193xx Datasheet
5. Applications Information
5.1
Inputs, Outputs, and Output Enable Control
The CLKIN/CLKINb inputs of the RC193xx devices have an internal bias network that prevents self-oscillation
from a floating input clock condition.
5.1.1
Recommendations for Unused Inputs and Outputs
5.1.1.1
Unused Differential CLKIN Inputs
The CLKIN/CLKINb inputs of the RC19xxx devices have internal bias networks that protect the devices from a
floating input clock condition. For RC193xx multiplexers that use only one input clock, the unused input can be left
open. Renesas recommends that no trace be attached to unused CLKIN pins.
5.1.1.2
Unused Single-ended Control Inputs
The single-ended control pins have internal pull-up and/or internal pull-down resistors and do not require external
resistors. They can be left floating if the default pin state is the desired state. If external resistors are needed to
change the pin state or are desired for design robustness, 10kohm is the recommended value. Tri-level inputs are
internally biased to VDD/2 and will indicate the mid (M) state if left floating.
5.1.1.3
Unused Differential CLK Outputs
All unused CLK outputs can be left floating. Renesas recommends that no trace be attached to unused CLK
outputs. While not required (but highly recommended), the best design practice is to disable unused CLK outputs.
This is easily accomplished with the dedicated OEb pin for each output.
5.1.1.4
Unused SMBus Clock and Data Pins
If the SMBus interface is not used, the clock and data pins must be pulled high with an external resistor. The two
pins can share a resistor if there is no possibility of using the SMBus interface for debug purposes. If the interface
might be used for debug, separate resistors should be used. Lightly loaded buses may use 10kohm pull-up
resistors. Heavily loaded buses will require smaller pull-up resistor values. The SMBus pins are 3.3V tolerant and
may be used with a 3.3V pull-up voltage
5.2
Differential CLKIN Configurations
The RC193xx input clock buffer supports four configurations:
▪ Direct connection to HCSL-level inputs
▪ Direct connection to LVDS-level inputs with external termination resistor
▪ Internal self-bias circuit for applications that externally AC-couple the input clock
This feature is enabled by the
AC_IN bit.
▪ Internal pull-down resistors (Rp) to terminate the clock input at the receiver.
This feature is enabled by the
Rx_TERM bit.
Devices with multiple input clocks have individual AC_IN and Rx_TERM configuration bits for each input. The
internal input clock terminations prevent reflections and are useful for non-PCIe applications, where the frequency
and transmission line length vary from the 100MHz PCIe standard. The following table summarizes the CLKIN
configuration bit settings for the various configurations that are displayed in Figure 13 to Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com